Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28346OXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28346OXCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346OXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28346OXCT Datasheet HTML 2Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 3Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 4Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 5Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 6Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 7Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 8Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 9Page - Cypress Semiconductor CY28346OXCT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *C
Page 6 of 20
Dial-a-Frequency Features
SMBus Dial-a-Frequency feature is available in this device via
Byte8 and Byte9.
P is a large-value PLL constant that depends on the frequency
selection achieved through the hardware selectors (S1, S0). P
value may be determined from Table 2.
Dial-a-dB Features
SMBus Dial-a-dB feature is available in this device via Byte8
and Byte9.
Spread Spectrum Clock Generation (SSCG)
Spread Spectrum is a modulation technique used to
minimizing EMI radiation generated by repetitive digital
signals. A clock presents the greatest EMI energy at the center
frequency it is generating. Spread Spectrum distributes this
energy over a specific and controlled frequency bandwidth
therefore causing the average energy at any one point in this
band to decrease in value. This technique is achieved by
modulating the clock away from its resting frequency by a
certain percentage (which also determines the amount of EMI
reduction). In this device, Spread Spectrum is enabled by
setting specific register bits in the SMBus control bytes.
Table 3 is a listing of the modes and percentages of Spread
Spectrum modulation that this device incorporates.
Test and Measurement Set-up
For Differential CPU Output Signals
The following diagram shows lumped test load configurations
for the differential Host Clock Outputs.
Table 2. P Value
S(1:0)
P
0 0
32005333
0 1
48008000
1 0
96016000
1 1
64010667
Table 3. Spread Spectrum
SS2
SS1
SS0
Spread Mode
Spread%
0
0
0
Down
+0.00, –0.25
0
0
1
Down
+0.00, –0.50
0
1
0
Down
+0.00, –0.75
0
1
1
Down
+0.00, –1.00
1
0
0
Center
+0.13, –0.13
1
0
1
Center
+0.25, –0.25
1
1
0
Center
+0.37, –0.37
1
1
1
Center
+0.50, –1.50
M easurem ent Point
2pF
CPU T
M U LT SEL
T
PCB
T
PCB
CPU C
220Ω
63.4Ω
63.4Ω
475Ω
33.2Ω
33.2Ω
M easurem ent Point
2pF
Figure 1. 1.0V Test Load Termination
CPUT
MULTSEL
T
PCB
T
PCB
CPUC
33Ω
33Ω
Measurement Point
49.9Ω
49.9Ω
2pF
Measurement Point
2pF
475Ω
VDD
Figure 2. 0.7V Test Load Termination


Similar Part No. - CY28346OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28346OXCT SPECTRALINEAR-CY28346OXCT Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com