Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28400 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28400
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28400 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28400 Datasheet HTML 3Page - Cypress Semiconductor CY28400 Datasheet HTML 4Page - Cypress Semiconductor CY28400 Datasheet HTML 5Page - Cypress Semiconductor CY28400 Datasheet HTML 6Page - Cypress Semiconductor CY28400 Datasheet HTML 7Page - Cypress Semiconductor CY28400 Datasheet HTML 8Page - Cypress Semiconductor CY28400 Datasheet HTML 9Page - Cypress Semiconductor CY28400 Datasheet HTML 10Page - Cypress Semiconductor CY28400 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY28400
Document #: 38-07591 Rev. *A
Page 7 of 13
SRC_STOP# Clarification
The SRC_STOP# signal is an active LOW input used for clean
stopping and starting the DIF outputs (valid clock must be
present on SRCT_IN). The SRC_STOP# signal is a
de-bounced signal in that it’s state must remain unchanged
during two consecutive rising edges of DIFC to be recognized
as a valid assertion or deassertion. (The assertion and
deassertion of this signal is absolutely asynchronous.)
SRC_STOP# Assertion
The impact of asserting the SRC_STOP# pin is all DIF outputs
that are set in the control registers to stoppable via assertion
of SRC_STOP# are stopped after their next transition. When
the
control
register
SRC_STOP#
three-state
bit
is
programmed to ‘0’, the final state of all stopped DIFT/C signals
is DIFT clock = HIGH and DIFC = LOW. There is to be no
change to the output drive current values, DIFT will be driven
HIGH with a current value equal 6 x Iref, and DIFC will not be
driven. When the control register SRC_STOP# three-state bit
is programmed to ‘1’, the final state of all stopped DIF signals
is LOW, both DIFT clock and DIFC clock outputs will not be
driven.
SRC_STOP# Deassertion
All differential outputs that were stopped will resume normal
operation in a glitch-free manner. The maximum latency from
the deassertion to active outputs is between 2–6 DIFT/C clock
periods (two clocks are shown) with all DIFT/C outputs
resuming simultaneously. If the control register three-state bit
is programmed to ‘1’ (three-state), then all stopped DIFT
outputs will be driven high within 10 ns of SRC_STOP#
deassertion to a voltage greater than 200 mV.
Note:
4. In the case where OE is asserted HIGH, the output will always be three-stated regardless of SRC_STOP# drive mode register bit state.
Table 5. SRC_STOP# Functionality[4]
SRC_STOP#
DIFT
DIFC
1
Normal
Normal
0
Iref * 6 or Float
Low
DIFC (Stoppable)
DIFT (Stoppable)
DIFC(Free Running
DIFT(Free Running
PWRDWN#
1mS
SRC_STOP#
Figure 4. SRC_STOP# = Driven, PWRDWN# = Driven
DIFC (Stoppable)
DIFC(Free Running
PWRDWN#
1mS
SRC_STOP#
DIFT (Stoppable)
DIFT(Free Running
Figure 5. SRC_STOP# =Driven, PWRDWN# = Three-state


Similar Part No. - CY28400

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400OC CYPRESS-CY28400OC Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28400

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com