Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28409OC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28409OC
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28409OC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28409OC Datasheet HTML 7Page - Cypress Semiconductor CY28409OC Datasheet HTML 8Page - Cypress Semiconductor CY28409OC Datasheet HTML 9Page - Cypress Semiconductor CY28409OC Datasheet HTML 10Page - Cypress Semiconductor CY28409OC Datasheet HTML 11Page - Cypress Semiconductor CY28409OC Datasheet HTML 12Page - Cypress Semiconductor CY28409OC Datasheet HTML 13Page - Cypress Semiconductor CY28409OC Datasheet HTML 14Page - Cypress Semiconductor CY28409OC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY28409
Document #: 38-07445 Rev. *D
Page 11 of 17
FS_A, FS_B
VTT_PWRGD#
PWRGD_VRM
VDD Clock Gen
Clock State
Clock Outputs
Clock VCO
0.2-0.3 ms
Delay
State 0
State 2
State 3
Wait for
VTT_PWRGD#
Sample Sels
Off
Off
On
On
State 1
Device is not affected,
VTT_PWRGD# is ignored
Figure 9. VTT_PWRGD# Timing Diagram
VTT_PWRGD# = Low
Delay
>0.25 ms
S1
Power Off
S0
VDDA = 2.0V
Sample
Inputs straps
S2
Normal
Operation
Wait for <1.8 ms
Enable Outputs
S3
VTT_PWRGD# = toggle
VDDA = off
Figure 10. Clock Generator Power-up/Run State Diagram


Similar Part No. - CY28409OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28409OC CYPRESS-CY28409OC Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28409OC SPECTRALINEAR-CY28409OC Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409OCT CYPRESS-CY28409OCT Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28409OCT SPECTRALINEAR-CY28409OCT Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409OCXT SPECTRALINEAR-CY28409OCXT Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com