Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28439OXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28439OXC
Description  Clock Generator for Intel Grantsdale Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28439OXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28439OXC Datasheet HTML 5Page - Cypress Semiconductor CY28439OXC Datasheet HTML 6Page - Cypress Semiconductor CY28439OXC Datasheet HTML 7Page - Cypress Semiconductor CY28439OXC Datasheet HTML 8Page - Cypress Semiconductor CY28439OXC Datasheet HTML 9Page - Cypress Semiconductor CY28439OXC Datasheet HTML 10Page - Cypress Semiconductor CY28439OXC Datasheet HTML 11Page - Cypress Semiconductor CY28439OXC Datasheet HTML 12Page - Cypress Semiconductor CY28439OXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PRELIMINARY
CY28439
Document #: 38-07668 Rev. *D
Page 9 of 22
Byte 12: Control Register 12
Bit
@Pup
Name
Description
7
0
CPU_DAF_N8
If Prog_CPU_EN is set, the values programmed is in CPU_FSEL_N[8:0]
and CPU_FSEL_M[6:0] will be used to determine the CPU output
frequency.
The setting of FS_Override bit determines the frequency ratio for CPU and
other output clocks. When it is cleared, the same frequency ratio stated in
the Latched FS[E:A] register will be used. When it is set, the frequency
ratio stated in the FSEL[3:0] register will be used.
6
0
CPU_DAF_M6
5
0
CPU_DAF_M5
4
0
CPU_DAF_M4
3
0
CPU_DAF_M3
2
0
CPU_DAF_M2
1
0
CPU_DAF_M1
0
0
CPU_DAF_M0
Byte 13: Control Register 13
Bit
@Pup
Name
Description
7
0
SRC_N7
SRC Dial-A-Frequency Bit N7
6
0
SRC_N6
SRC Dial-A-Frequency Bit N6
5
0
SRC_N5
SRC Dial-A-Frequency Bit N5
4
0
SRC_N4
SRC Dial-A-Frequency Bit N4
3
0
SRC_N3
SRC Dial-A-Frequency Bit N3
2
0
SRC_N2
SRC Dial-A-Frequency Bit N2
1
0
SRC_N1
SRC Dial-A-Frequency Bit N1
0
0
SRC_N0
SRC Dial-A-Frequency Bit N0
Byte 14: Control Register 14
Bit
@Pup
Name
Description
7
0
SRC_N8
SRC Dial-A-Frequency Bit N8
6
0
SW_RESET
Software Reset.
When set the device will assert a reset signal on SRESET# upon
completion of the block/word/byte write that set it. After asserting and
deasserting the SRESET# this bit will self clear (set to 0).
The SRESET# pin must be enabled by latching SRESET#_EN on
VTT_PRWGD# to utilize this feature.
5
0
FS_[E:A]
FS_Override
0 = Select operating frequency by FS(E:A) input pins
1 = Select operating frequency by FSEL_(4:0) settings
4
0
SMSW_SEL
Smooth switch select
0: Select CPU_PLL
1: Select SRC_PLL.
3
0
RESERVED
RESERVED, Set = 0
2
0
RESERVED
RESERVED, Set = 0
1
1
PCIF
Free running 33-MHz Output Drive Strength
0 = 2x, 1 = 1x
0
0
Recovery_N8
Watchdog Recovery Bit
Byte 15: Control Register 15
Bit
@Pup
Name
Description
7
0
Recovery N7
Watchdog Recovery Bit
6
0
Recovery N6
Watchdog Recovery Bit
5
0
Recovery N5
Watchdog Recovery Bit
4
0
Recovery N4
Watchdog Recovery Bit
3
0
Recovery N3
Watchdog Recovery Bit


Similar Part No. - CY28439OXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439OXC SPECTRALINEAR-CY28439OXC Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439OXC-2 SPECTRALINEAR-CY28439OXC-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439OXC-2 CYPRESS-CY28439OXC-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439OXC-2T SPECTRALINEAR-CY28439OXC-2T Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439OXC-2T CYPRESS-CY28439OXC-2T Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com