Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28411ZXC-1 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28411ZXC-1
Description  Clock Generator for Intel Alviso Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28411ZXC-1 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28411ZXC-1 Datasheet HTML 6Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 7Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 8Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 9Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 10Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 11Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 12Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 13Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY28411-1
Document #: 38-07694 Rev. *B
Page 10 of 19
CPU_STP# Assertion
The CPU_STP# signal is an active low input used for
synchronous stopping and starting the CPU output clocks
while the rest of the clock generator continues to function.
When the CPU_STP# pin is asserted, all CPU outputs that are
set with the SMBus configuration to be stoppable via assertion
of CPU_STP# will be stopped within two–six CPU clock
periods after being sampled by two rising edges of the internal
CPUC clock. The final states of the stopped CPU signals are
CPUT = HIGH and CPUC = LOW. There is no change to the
output drive current values during the stopped state. The
CPUT is driven HIGH with a current value equal to 6 x (Iref),
and the CPUC signal will be Hi-Z.
CPU_STP# Deassertion
The deassertion of the CPU_STP# signal will cause all CPU
outputs that were stopped to resume normal operation in a
synchronous manner. Synchronous manner meaning that no
short or stretched clock pulses will be produce when the clock
resumes. The maximum latency from the deassertion to active
outputs is no more than two CPU clock cycles.
CPU_STP#
CPUT
CPUC
Figure 5. CPU_STP# Assertion Waveform
CPU_STP#
CPUT
CPUC
CPUT Internal
Tdrive_CPU_STP#,10nS>200mV
CPUC Internal
Figure 6. CPU_STP# Deassertion Waveform
DOT96C
DOT96T
CPUC(Stoppable)
CPUT(Stoppable)
CPUC(Free Running
CPUT(Free Running
PD
1.8mS
CPU_STOP#
Figure 7. CPU_STP#= Driven, CPU_PD = Driven, DOT_PD = Driven


Similar Part No. - CY28411ZXC-1

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28411ZXC-1 SPECTRALINEAR-CY28411ZXC-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
CY28411ZXC-1T SPECTRALINEAR-CY28411ZXC-1T Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28411ZXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28441 SPECTRALINEAR-CY28441 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411 CYPRESS-CY28411 Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com