Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28439-2 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28439-2
Description  Clock Generator for Intel Grantsdale Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28439-2 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28439-2 Datasheet HTML 6Page - Cypress Semiconductor CY28439-2 Datasheet HTML 7Page - Cypress Semiconductor CY28439-2 Datasheet HTML 8Page - Cypress Semiconductor CY28439-2 Datasheet HTML 9Page - Cypress Semiconductor CY28439-2 Datasheet HTML 10Page - Cypress Semiconductor CY28439-2 Datasheet HTML 11Page - Cypress Semiconductor CY28439-2 Datasheet HTML 12Page - Cypress Semiconductor CY28439-2 Datasheet HTML 13Page - Cypress Semiconductor CY28439-2 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PRELIMINARY
CY28439-2
Document #: 38-07750 Rev. *B
Page 10 of 22
The CY28439-2 requires a Parallel Resonance Crystal.
Substituting a series resonance crystal will cause the
CY28439-2 to operate at the wrong frequency and violate the
ppm specification. For most applications there is a 300-ppm
frequency shift between series and parallel crystals due to
incorrect loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
Figure 2 shows a typical crystal configuration using the two
trim capacitors. An important clarification for the following
discussion is that the trim capacitors are in series with the
crystal not parallel. It’s a common misconception that load
capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
2
0
Recovery N2
Watchdog Recovery Bit
1
0
Recovery N1
Watchdog Recovery Bit
0
0
Recovery N0
Watchdog Recovery Bit
Byte 16: Control Register 16
Bit
@Pup
Name
Description
7
1
REF1
REF1 Output Enable
0 = Disable, 1 = Enable
6
1
USB48
USB48 Output Enable
0 = Disable, 1 = Enable
5
0
SRC_FREQ_SEL
SRC Frequency selection
0: SRC frequency is selected via the FS_E pin
1: SRC frequency is initially set to 167 MHz.
4
0
RESERVED
RESERVED
3
0
SRC_SATA
SATA PLL Spread Spectrum Enable
0 = Spread off, 1 = Spread on
2
0
Prog_SRC_EN
Programmable SRC frequency enable
0 = disabled, 1 = enabled.
1
0
Prog_CPU_EN
Programmable CPU frequency enable
0 = disabled, 1 = enabled.
0
0
Watchdog Autorecovery Watchdog Autorecovery Mode
0 = Disable (Manual), 1= Enable (Auto)
Byte 15: Control Register 15 (continued)
Bit
@Pup
Name
Description
Figure 2. Crystal Capacitive Clarification
Table 4. Crystal Recommendations
Frequency
(Fund)
Cut
Loading Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Similar Part No. - CY28439-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com