Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

715P153912L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 715P153912L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P153912L Datasheet(HTML) 4 Page - Vishay Siliconix

  715P153912L Datasheet HTML 1Page - Vishay Siliconix 715P153912L Datasheet HTML 2Page - Vishay Siliconix 715P153912L Datasheet HTML 3Page - Vishay Siliconix 715P153912L Datasheet HTML 4Page - Vishay Siliconix 715P153912L Datasheet HTML 5Page - Vishay Siliconix 715P153912L Datasheet HTML 6Page - Vishay Siliconix 715P153912L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 42018
Revision 13-Nov-03
www.vishay.com
50
Type 715P
Vishay Sprague
For technical questions, contact spresale@vishay.com
SIZE
Dia.
L
STANDARD RATINGS* in inches [millimeters]
µF
± 10% TOLERANCE
400 VDC/200 VAC**
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
PART NUMBER
600 VDC/200 VAC**
715P10296J
715P12296J
715P15296J
715P18296J
715P22296J
715P27296J
715P33296J
715P39296J
715P47296J
715P56296J
715P68296J
715P82296K
715P10396K
715P12396K
715P15396K
715P18396K
715P22396K
715P27396L
715P33396L
715P39396L
715P47396L
715P56396L
715P68396L
715P82396L
715P10496L
715P12496M
715P15496M
715P18496M
715P22496M
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
715P39294J
715P47294J
715P56294J
715P68294J
715P82294J
715P10394J
715P12394J
715P15394J
715P18394K
715P22394K
715P27394K
715P33394K
715P39394L
715P47394L
715P56394L
715P68394L
715P82394L
715P10494L
715P12494L
715P15494L
715P18494M
715P22494M
715P27494M
715P33494M
715P39494M
715P47494M
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.50 [12.70]
0.50 [12.70]
0.50 [12.70]
0.50 [12.70]
0.55 [13.97]
0.55 [13.97]
0.60 [15.24]
0.60 [15.24]
0.65 [16.51]
0.65 [16.51]
0.70 [17.78]
0.70 [17.78]
0.80 [20.32]
0.80 [20.32]
0.90 [22.86]
0.90 [22.86]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.40 [10.16]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.50 [12.70]
0.50 [12.70]
0.55 [13.97]
0.55 [13.97]
0.55 [13.97]
0.55 [13.97]
0.60 [15.24]
0.60 [15.24]
0.65 [16.51]
0.65 [16.51]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.85 [21.59]
0.85 [21.59]
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
* Shaded items, when ordered as ± 5% tolerance with D3 leads, are standard capacitors in stock and available through the Sprague® Distribution
Network. To complete the Type 715P Part Number, add the "D3" suffix and change the capacitance tolerance code number from a "9" to a "5"
to indicate ± 5% (i.e., 715P10456LD3). Any other Part Number, value or type may easily be ordered as a Special.
** 60Hz rms.


Similar Part No. - 715P153912L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P153912L CDE-715P153912L Datasheet
493Kb / 15P
   Low dissipation factor.
More results

Similar Description - 715P153912L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
Vishay Siliconix
225P VISHAY-225P Datasheet
97Kb / 5P
   Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
Revision: 19-Feb-07
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
Vishay Siliconix
288P VISHAY-288P Datasheet
101Kb / 3P
   R-C Arc Suppressors ORANGE DROP®, Radial Lead
Revision 13-Nov-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com