Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY11L-2PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATTINY11L-2PC
Description  8-bit Microcontroller with 1K Byte Flash
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY11L-2PC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATTINY11L-2PC Datasheet HTML 1Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 2Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 3Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 4Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 5Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 6Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 7Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 8Page - ATMEL Corporation ATTINY11L-2PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
ATtiny11/12
1006FS–AVR–06/07
ATtiny12 Block Diagram
Figure 2 on page 4. The ATtiny12 provides the following features: 1K bytes of Flash, 64
bytes EEPROM, up to six general-purpose I/O lines, 32 general-purpose working regis-
ters, an 8-bit timer/counter, internal and external interrupts, programmable Watchdog
Timer with internal oscillator, and two software-selectable power-saving modes. The
Idle Mode stops the CPU while allowing the timer/counters and interrupt system to con-
tinue functioning. The Power-down Mode saves the register contents but freezes the
oscillator, disabling all other chip functions until the next interrupt or hardware reset. The
wake-up or interrupt on pin change features enable the ATtiny12 to be highly responsive
to external events, still featuring the lowest power consumption while in the power-down
modes.
The device is manufactured using Atmel’s high-density nonvolatile memory technology.
By combining an RISC 8-bit CPU with Flash on a monolithic chip, the Atmel ATtiny12 is
a powerful microcontroller that provides a highly-flexible and cost-effective solution to
many embedded control applications.
Figure 2. The ATtiny12 Block Diagram
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
HARDWARE
STACK
MCU CONTROL
REGISTER
GENERAL-
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTER
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA REGISTER
PORTB
PROGRAMMING
LOGIC
OSCILLATORS
TIMING AND
CONTROL
INTERRUPT
UNIT
MCU STATUS
REGISTER
STATUS
REGISTER
ALU
PORTB DRIVERS
PB0-PB5
VCC
GND
CONTROL
LINES
Z
8-BIT DATA BUS
EEPROM
SPI
INTERNAL
OSCILLATOR
CALIBRATED


Similar Part No. - ATTINY11L-2PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY11L-2PC ATMEL-ATTINY11L-2PC Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY11L-2PC ATMEL-ATTINY11L-2PC Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
More results

Similar Description - ATTINY11L-2PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com