Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28443 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28443
Description  Clock Generator for Intel짰 Calistoga Chipset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28443 Datasheet HTML 6Page - Cypress Semiconductor CY28443 Datasheet HTML 7Page - Cypress Semiconductor CY28443 Datasheet HTML 8Page - Cypress Semiconductor CY28443 Datasheet HTML 9Page - Cypress Semiconductor CY28443 Datasheet HTML 10Page - Cypress Semiconductor CY28443 Datasheet HTML 11Page - Cypress Semiconductor CY28443 Datasheet HTML 12Page - Cypress Semiconductor CY28443 Datasheet HTML 13Page - Cypress Semiconductor CY28443 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PRELIMINARY
CY28443
Document #: 38-07716 Rev *C
Page 10 of 25
Byte 11: Control Register 11
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED Set = 0
6
HW
RESERVED
RESERVED
5
HW
RESERVED
RESERVED
4
HW
RESERVED
RESERVED
3
0
27MHz
27-MHz (spread and non-spread) Output Drive Strength
0 = Low, 1 = High
2
0
RESERVED
RESERVED Set = 0
1
0
RESERVED
RESERVED Set = 0
0
HW
RESERVED
RESERVED
Byte 12: Control Register 12
Bit
@Pup
Name
Description
7
0
CLKREQ#A
CLKREQ#A Enable
0 = Disable 1 = Enable
6
0
CLKREQ#B
CLKREQ#B Enable
0 = Disable 1 = Enable
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 13: Control Register 13
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
1
96/100M Clock Speed
96/100 SRC Clock Speed
0 = 96 MHz, 1 = 100 MHz
5
1
RESERVED
RESERVED, Set = 1
4
1
RESERVED
RESERVED, Set = 1
3
1
PCI5
PCI5 (Spread and Non-spread) Output Drive Strength
0 = Low, 1 = High
2
1
PCI4
PCI4 (Spread and Non-spread) Output Drive Strength
0 = Low, 1 = High
1
1
PCI3
PCI3 (Spread and Non-spread) Output Drive Strength
0 = Low, 1 = High
0
1
PCI2
PCI2 (Spread and Non-spread) Output Drive Strength
0 = Low, 1 = High
Byte 14: Control Register 14
Bit
@Pup
Name
Description
7
1
RESERVED
RESEREVD
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
0
CLKREQ#A
SRC[T/C]5 Control
0 = SRC[T/C]5 not stoppable by CLKREQ#A
1 = SRC[T/C]5 stoppable by CLKREQ#A


Similar Part No. - CY28443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28443OXC-2 CYPRESS-CY28443OXC-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28443OXC-2T CYPRESS-CY28443OXC-2T Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443OXC-3 SPECTRALINEAR-CY28443OXC-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
More results

Similar Description - CY28443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28447 CYPRESS-CY28447 Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
logo
SpectraLinear Inc
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
Silicon Laboratories
SL28506-2 SILABS-SL28506-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com