Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDOC515 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDOC515
Description  IP Library: Very Low power, Very High PSRR 100mA Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDOC515 Datasheet(HTML) 1 Page - STMicroelectronics

  LDOC515 Datasheet HTML 1Page - STMicroelectronics LDOC515 Datasheet HTML 2Page - STMicroelectronics LDOC515 Datasheet HTML 3Page - STMicroelectronics LDOC515 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
June 2002
s CMOS REGULATOR
s VERY LOW CONSUMPTION : 170µA FULL
LOAD
s VERY LOW DROPOUT VOLTAGE : 50mV
s HIGH PSRR : 60dB
s OUTPUT CURRENT : 100mA
s NO CURRENT IN POWER DOWN MODE
s SHORT CIRCUIT PROTECTION
TYPICAL APPLICATIONS
– Cellular and Cordless phones supplied by 1 cell
Lithium-ion battery / 3 cells Ni-MH or Ni-Cd
battery
– PDA (Personal Digital Assistant)
– Smart phone
– Portable equipment
– Supply for RF devices for cellular phone
APPLICATION NOTE
An external capacitor (COUT = 4.7µF) with an
equivalent serial resistance (ESR) in the range
0.02 to 0.6
Ω is used for regulator stability.
Figure 1 : Block Diagram
?
VREF
?
?
?
LDOC_515
OUT
IN
PWRDWN
STDBY
Figure 2 : Typical Application Circuit
4.7
µF
ESR
VOUT
COUT
?
?
OUT
GND
?
?
?
VIN
IN
PWRDWN
Power Down Mode
OFF
ON
Stand-by Mode
STDBY
Active Mode
LDOC_515
Stand-by Mode
LDOC_515
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PRODUCT PREVIEW
IP Library: Very Low power, Very High PSRR
100mA Low Dropout Voltage Regulator


Similar Part No. - LDOC515

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDOC516 STMICROELECTRONICS-LDOC516 Datasheet
24Kb / 4P
   IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
More results

Similar Description - LDOC515

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
   IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
LDO53 STMICROELECTRONICS-LDO53 Datasheet
97Kb / 4P
   IP Library: High PSRR, Very Low Power, 40mA Low Dropout Voltage Regulator
LDOC516 STMICROELECTRONICS-LDOC516 Datasheet
24Kb / 4P
   IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
LDO518 STMICROELECTRONICS-LDO518 Datasheet
105Kb / 4P
   IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
LDO512 STMICROELECTRONICS-LDO512 Datasheet
269Kb / 6P
   IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
   IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
LDO52 STMICROELECTRONICS-LDO52 Datasheet
48Kb / 4P
   IP Library: High PSRR, Low Power, 70mA Low Dropout Voltage Regulator
LDO55 STMICROELECTRONICS-LDO55 Datasheet
21Kb / 2P
   IP Library: Very Low Power, Adjustable Output Voltage짼, 25mA Low Dropout Voltage Regulator
LDO58 STMICROELECTRONICS-LDO58 Datasheet
106Kb / 4P
   IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com