Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28551-3 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28551-3
Description  Universal Clock Generator for Intel, VIA and SIS짰
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28551-3 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28551-3 Datasheet HTML 4Page - Cypress Semiconductor CY28551-3 Datasheet HTML 5Page - Cypress Semiconductor CY28551-3 Datasheet HTML 6Page - Cypress Semiconductor CY28551-3 Datasheet HTML 7Page - Cypress Semiconductor CY28551-3 Datasheet HTML 8Page - Cypress Semiconductor CY28551-3 Datasheet HTML 9Page - Cypress Semiconductor CY28551-3 Datasheet HTML 10Page - Cypress Semiconductor CY28551-3 Datasheet HTML 11Page - Cypress Semiconductor CY28551-3 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY28551-3
Document #: 001-05677 Rev. *D
Page 8 of 29
Byte 5: Control Register 5
Bit
@Pup
Type
Name
Description
7
0
R/W
CPU_SS1
CPU (PLL1) Spread Spectrum Selection
00: –0.5% (peak to peak)
01: ±0.25% (peak to peak)
10: –1.0% (peak to peak)
11: ±0.5% (peak to peak)
60
R/W
CPU_SS0
5
0
R/W
CPU_SS_OFF
PLL1 (CPUPLL) Spread Spectrum Enable
0 = Spread off, 1 = Spread on.
4
0
R/W
PCIE_SS0
PLL2 (PCIEPLL) Spread Spectrum Selection
0: –0.5% (peak to peak)
0: –1.0% (peak to peak)
3
0
R/W
PCIE_SS_OFF
PLL2 (PCIEPLL) Spread Spectrum Enable
0: SRC spread off, 1: SRC spread on.
2
0
R/W
SATA_SS_OFF
PLL3 (SATAPLL) Spread Spectrum Enable
0 = Spread off, 1 = Spread on
1
HW
R/W
SEL24_48
24M/48-MHz output selection
0 = 48 MHz, 1 = 24 MHz
0
0
R/W
Reserved
Reserved
Byte 6: Control Register 6
Bit
@Pup
Type
Name
Description
7
0
R/W
SW_RESET
Software Reset.
When set, the device will assert a reset signal on SRESET# upon
completion of the block/word/byte write that set it. After asserting and
deasserting the SRESET# this bit will self clear (set to 0).
6
0
R/W
Reserved
Reserved
5
0
R/W
FIX_LINK_PCI
LINK and PCI clock source selection
0 = PLL2(SRCPLL), 1 = PLL3 (SATAPLL)
4
HW
R
FSD
FSD Reflects the value of the FSD pin sampled on power-up. 0 = FSD
was low during VTT_PWRGD# assertion.
3
HW
R
FSC
FSC Reflects the value of the FSC pin sampled on power-up. 0 = FSC
was low during VTT_PWRGD# assertion.
2
HW
R
FSB
FSB Reflects the value of the FSB pin sampled on power-up 0 = FSB was
LOW during VTT_PWRGD# assertion.
1
HW
R
FSA
FSA Reflects the value of the FSA pin sampled on power-up. 0 = FSA was
LOW during VTT_PWRGD# assertion
0
HW
R
POWERGOOD
Power Status bit:
0 = Internal power or Internal resets are NOT valid
1 = Internal power and Internal resets are valid
Read only Bit 7 sets to 0 when Bit 7 =0
Byte 7: Vendor ID
Bit
@Pup
Type
Name
Description
7
0
R
Revision Code Bit 3 Revision Code Bit 3
6
0
R
Revision Code Bit 2 Revision Code Bit 2
5
0
R
Revision Code Bit 1 Revision Code Bit 1
4
0
R
Revision Code Bit 0 Revision Code Bit 0
3
1
R
Vendor ID Bit 3
Vendor ID Bit 3
2
0
R
Vendor ID Bit 2
Vendor ID Bit 2
1
0
R
Vendor ID Bit 1
Vendor ID Bit 1


Similar Part No. - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
More results

Similar Description - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551 CYPRESS-CY28551 Datasheet
658Kb / 30P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com