Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28551LFXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28551LFXCT
Description  Universal Clock Generator for Intel, VIA, and SIS짰
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28551LFXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28551LFXCT Datasheet HTML 1Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 2Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 3Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 4Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 5Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 6Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 7Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 8Page - Cypress Semiconductor CY28551LFXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
CY28551
Document #: 001-05675 Rev. *C
Page 3 of 30
45
VTT_PWRGD#/PD
I
3.3V LVTTL input. This pin is a level-sensitive strobe used to latch the HW strapping
pin inputs. After asserting VTT_PWRGD# (active LOW), this pin becomes a
real-time input for asserting power-down (active HIGH).
46
SDATA
I/O
SMBus compatible SDATA
47
SCLK
I
SMBus compatible SCLOCK.
48
VDDREF
PWR
3.3V Power supply for outputs
49
XOUT
O
14.318 MHz Crystal Output
50
XIN
I
14.318 MHz Crystal Input
51
VSSREF
GND
Ground for outputs
52
REF2
O, SE 14.318 MHz REF clock output.
Intel Type-5 output buffer
53
**FSC/REF1
I/O,PD,
SE
3.3V tolerant input for CPU frequency selection/14.318 MHz REF clock output
Internal 150k pull down
Intel Type-5 output buffer
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
54
**FSD/REF0
I/O,PD,
SE
3.3V tolerant input for CPU frequency selection/14.318 MHz REF clock output
Internal 150k pull down
Intel Type-5 output buffer
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
55
RESET_I#/SRESE
T#
I/O, OD 3.3V tolerant input for reset all of registers to default setting
3.3V LVTTL output for watchdog reset signal
56
**DOC1
I, PD
Dynamic Over Clocking pin
0 = normal; 1 = Frequency will be changed depend on DOC register. Internal 150k
pull-down
57
PCI0/**CLKREQ#B I/O,SE,
PD
33 MHz clock output/Output enable control for PCIEX4; 5 via I2C register
Default is PCI0
0 = Selected PCIEXs are enabled, 1 = Selected PCIEXs are disabled. Internal 150k
pull down
Intel Type-3A output buffer
58
PCI1/**CLKREQ#A I/O,SE,
PD
33 MHz clock output/Output enable control for PCIEX6, 7via I2C register. Default is
PCI1
0 = Selected PCIEXs are enabled, 1 = Selected PCIEXs are disabled. Internal 150k
pull down
Intel Type-3A output buffer
59
VSSPCI
GND
Ground for outputs.
60
**FSA/PCI2
I/O, PD 3.3V tolerant input for CPU frequency selection/33 MHz clock output. Internal 150k
pull down
Intel Type-3A output buffer
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
61
*FSB/PCI3
I/O, PU 3.3V tolerant input for CPU frequency selection/33 MHz clock output. Internal 150k
pull up
Intel Type-3A output buffer
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
62
VDDPCI
PWR
3.3V power supply for outputs.
63
*SELP4_K8/PCI3
I/O, PU 3.3V tolerant input for CPU clock output buffer type selection/33 MHz clock output.
Internal 150k pull up
Intel Type-3A output buffer
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
0 = K8 CPU buffer type, 1 = P4 CPU buffer type.
64
*SEL0/PCI5
I/O, PU 3.3V tolerant input for output selection/33 MHz clock output. Refer to Table 1 for
selection options.
Internal 150k pull up
Pin Description (continued)
Pin No.
Name
Type
Description


Similar Part No. - CY28551LFXCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551LFXCT SILABS-CY28551LFXCT Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
More results

Similar Description - CY28551LFXCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551-3 CYPRESS-CY28551-3 Datasheet
887Kb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com