Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29351AXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29351AXI
Description  2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29351AXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29351AXI Datasheet HTML 1Page - Cypress Semiconductor CY29351AXI Datasheet HTML 2Page - Cypress Semiconductor CY29351AXI Datasheet HTML 3Page - Cypress Semiconductor CY29351AXI Datasheet HTML 4Page - Cypress Semiconductor CY29351AXI Datasheet HTML 5Page - Cypress Semiconductor CY29351AXI Datasheet HTML 6Page - Cypress Semiconductor CY29351AXI Datasheet HTML 7Page - Cypress Semiconductor CY29351AXI Datasheet HTML 8Page - Cypress Semiconductor CY29351AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRELIMINARY
CY29351
Document Number: 38-07475 Rev. *B
Page 5 of 10
AC Electrical Specifications
(VDD = 2.5V ± 5%, TA = –40°C to +85°C)
[7]
Parameter
Description
Condition
Min
Typ.
Max
Unit
fVCO
VCO frequency
200
380
MHz
fin
Input frequency
÷2 feedback
100
190
MHz
÷4 feedback
50
95
÷8 feedback
25
47.5
Bypass mode (PLL_EN = 0)
0
200
frefDC
Input duty cycle
25
75
%
VPP
Peak-Peak input voltage
LVPECL
500
1000
mV
VCMR
Common mode range[8]
LVPECL
1.2
VDD – 0.6
V
tr , tf
TCLK input rise/fall time
0.7V to 1.7V
1.0
ns
fMAX
Maximum output frequency
÷2 output
100
190
MHz
÷4 output
50
95
÷8 output
25
47.5
DC
Output duty cycle
fMAX < 100 MHz
47.5
52.5
%
fMAX > 100 MHz
45
55
tr , tf
Output rise/fall times
0.6V to 1.8V
0.1
1.0
ns
t(φ)
Propagation delay (static phase offset) TCLK to FB_IN
–100
100
ps
PCLK to FB_IN
–100
100
tsk(O)
Output-to-Output skew
150
ps
tPLZ, HZ
Output disable time
10
ns
tPZL, ZH
Output enable time
10
ns
BW
PLL closed loop bandwidth (–3dB)
÷2 feedback
2.2
MHz
÷4 feedback
0.85
÷8 feedback
0.6
tJIT(CC)
Cycle-to-Cycle jitter
Same frequency
150
ps
Multiple frequencies
250
tJIT(PER)
Period jitter
Same frequency
100
ps
Multiple frequencies
175
tJIT(φ)
IO phase jitter
175
ps
tLOCK
Maximum PLL lock time
1
ms
Notes
7. AC characteristics apply for parallel output termination of 50
Ω to V
TT. Parameters are guaranteed by characterization and are not 100% tested.
8. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range and the input swing lies
within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(φ).
[+] Feedback


Similar Part No. - CY29351AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29351AXI CYPRESS-CY29351AXI Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29351AXIT CYPRESS-CY29351AXIT Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results

Similar Description - CY29351AXI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com