Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29775AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY29775AI
Description  2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29775AI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY29775AI Datasheet HTML 2Page - Cypress Semiconductor CY29775AI Datasheet HTML 3Page - Cypress Semiconductor CY29775AI Datasheet HTML 4Page - Cypress Semiconductor CY29775AI Datasheet HTML 5Page - Cypress Semiconductor CY29775AI Datasheet HTML 6Page - Cypress Semiconductor CY29775AI Datasheet HTML 7Page - Cypress Semiconductor CY29775AI Datasheet HTML 8Page - Cypress Semiconductor CY29775AI Datasheet HTML 9Page - Cypress Semiconductor CY29775AI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY29775
Document #: 38-07480 Rev. *A
Page 6 of 11
DC Electrical Specifications (VDD= 3.3V ± 5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min
Typ.
Max
Unit
VIL
Input Voltage, Low
LVCMOS
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
VDD+0.3
V
VOL
Output Voltage, Low[4]
IOL = 24 mA
0.55
V
IOL = 12 mA
0.30
VOH
Output Voltage, High[4]
IOH = –24 mA
2.4
V
IIL
Input Current, Low[5]
VIL = VSS
–100
μA
IIH
Input Current, High[5]
VIL = VDD
––
100
μA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
––
1
mA
IDD
Dynamic Supply Current
Outputs loaded at 100 MHz
225
mA
Outputs loaded at 200 MHz
290
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
12
15
18
Ω
DC Electrical Specifications (VDD= 2.5V ± 5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min
Typ.
Max
Unit
VIL
Input Voltage, Low
LVCMOS
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
VDD+0.3
V
VOL
Output Voltage, Low[4]
IOL = 15 mA
0.6
V
VOH
Output Voltage, High[4]
IOH = –15 mA
1.8
V
IIL
Input Current, Low[5]
VIL = VSS
–100
μA
IIH
Input Current, High[5]
VIL = VDD
––
100
μA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
––
1
mA
IDD
Dynamic Supply Current
Outputs loaded at 100 MHz
135
mA
Outputs loaded at 200 MHz
160
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
14
18
22
Ω
Notes
4. Driving one 50
Ω parallel terminated transmission line to a termination voltage of V
TT. Alternatively, each output drives up to two 50Ω series terminated transmission lines.
5. Inputs have pull up or pull down resistors that affect the input current
[+] Feedback


Similar Part No. - CY29775AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AI CYPRESS-CY29772AI Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AIT CYPRESS-CY29772AIT Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773AI CYPRESS-CY29773AI Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - CY29775AI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9775A ALSC-ASM5I9775A Datasheet
507Kb / 12P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com