Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29940AC-1 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29940AC-1
Description  2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940AC-1 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29940AC-1 Datasheet HTML 1Page - Cypress Semiconductor CY29940AC-1 Datasheet HTML 2Page - Cypress Semiconductor CY29940AC-1 Datasheet HTML 3Page - Cypress Semiconductor CY29940AC-1 Datasheet HTML 4Page - Cypress Semiconductor CY29940AC-1 Datasheet HTML 5Page - Cypress Semiconductor CY29940AC-1 Datasheet HTML 6Page - Cypress Semiconductor CY29940AC-1 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY29940-1
Document #: 38-07487 Rev. **
Page 5 of 7
tPD
PECL_CLK
PECL_CLK
VPP
Q
VCMR
VCC
GND
VCC /2
Figure 3. Propagation Delay (TPD) Test Reference
tPD
LVCMOS_CLK
Q
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 4. LVCMOS Propagation Delay (TPD) Test
Reference
VCC
GND
VCC /2
tP
T0
DC = tP / T0 x 100%
Figure 5. Output Duty Cycle (FoutDC)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 6. Output-to-Output Skew tsk(0)
Ordering Information
Part Number
Package Type
Production Flow
CY29940AC–1
32-pin TQFP
Commercial, 0°C to 70°C
CY29940AC–1T
32-pin TQFP – Tape and Reel
Commercial, 0°C to 70°C
CY29940AI–1
32-pin TQFP
Industrial, –40°C to +85°C
CY29940AI–1T
32-pin TQFP – Tape and Reel
Industrial, –40°C to +85°C


Similar Part No. - CY29940AC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940AC CYPRESS-CY29940AC Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940AC CYPRESS-CY29940AC Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940ACT CYPRESS-CY29940ACT Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940ACT CYPRESS-CY29940ACT Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results

Similar Description - CY29940AC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com