Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP24A Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDP24A
Description  LOAD DUMP TRANSIENT PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP24A Datasheet(HTML) 5 Page - STMicroelectronics

  LDP24A Datasheet HTML 1Page - STMicroelectronics LDP24A Datasheet HTML 2Page - STMicroelectronics LDP24A Datasheet HTML 3Page - STMicroelectronics LDP24A Datasheet HTML 4Page - STMicroelectronics LDP24A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LDP24A
5/5
note 2
BA
B
C
note 1
note 1
D
D
O
/
O
/
O
/
L1
L1
PACKAGE MECHANICAL DATA
AG (Plastic)
REF.
DIMENSIONS
NOTES
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9
0.354
1- The lead is not controlled within zone L1.
2- The minimum axial length within which the device may be
placed bent at right angles is 0.79" (20 mm).
B
20
0.787
∅ C
8
0.315
∅ D
1.35
1.45
0.053
0.057
L1
1.27
0.050
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Type
Marking
Package
Weight
Base qty
Delivery mode
LDP24A
LDP24A
AG
2.16g
100
Ammopack
LDP24ARL
LDP24A
AG
2.16g
1000
Tape & Reel
n
Resin meets UL94-V0


Similar Part No. - LDP24A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
   Instrumentation Equipment
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Leshan Radio Company
LDP2010DT1G LRC-LDP2010DT1G Datasheet
729Kb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
Anova Technologies CO.,...
LDP20A ANOVA-LDP20A Datasheet
331Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP20A LUGUANG-LDP20A Datasheet
881Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP24A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
   Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
Diodes Incorporated
ALS5W10A DIODES-ALS5W10A Datasheet
547Kb / 6P
   Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14_1 Datasheet
255Kb / 2P
   HEAVY DUTY (LOAD DUMP) TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
ALS6W10A DIODES-ALS6W10A Datasheet
717Kb / 6P
   Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS8W10A DIODES-ALS8W10A Datasheet
516Kb / 6P
   Surface Mount Load Dump Transient Voltage Suppressors
Oct-2021 REV-8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com