Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29775AXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29775AXI
Description  2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29775AXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29775AXI Datasheet HTML 1Page - Cypress Semiconductor CY29775AXI Datasheet HTML 2Page - Cypress Semiconductor CY29775AXI Datasheet HTML 3Page - Cypress Semiconductor CY29775AXI Datasheet HTML 4Page - Cypress Semiconductor CY29775AXI Datasheet HTML 5Page - Cypress Semiconductor CY29775AXI Datasheet HTML 6Page - Cypress Semiconductor CY29775AXI Datasheet HTML 7Page - Cypress Semiconductor CY29775AXI Datasheet HTML 8Page - Cypress Semiconductor CY29775AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY29775
Document #: 38-07480 Rev. *A
Page 2 of 11
Pinouts
Figure 1. Pin Diagram - 52-Pin 1.0-mm TQFP package
Table 1. Pin Definition - 52-Pin 1.0-mm TQFP package
Pin[1]
Name
IO
Type
Description
9
TCLK0
I, PD
LVCMOS
LVCMOS/LVTTL reference clock input
10
TCLK1
I, PU
LVCMOS
LVCMOS/LVTTL reference clock input
16, 18, 21,
23, 25
QA(4:0)
O
LVCMOS
Clock output bank A
32, 34, 36,
38, 40
QB(4:0)
O
LVCMOS
Clock output bank B
44, 46, 48,
50
QC(3:0)
O
LVCMOS
Clock output bank C
29
FB_OUT
O
LVCMOS
Feedback clock output. Connect to FB_IN for normal operation.
31
FB_IN
I, PU
LVCMOS
Feedback clock input. Connect to FB_OUT for normal operation.
This input must be at the same voltage rail as input reference clock.
See Table 2 on page 4.
2
MR#/OE
I, PU
LVCMOS
Output enable/disable input. See Table 3 on page 4.
3
CLK_STP#
I, PU
LVCMOS
Clock stop enable/disable input. See Table 3 on page 4.
6
PLL_EN
I, PU
LVCMOS
PLL enable/disable input. See Table 3 on page 4.
8
TCLK_SEL
I, PD
LVCMOS
Reference select input. See Table 3 on page 4.
11, 52
VCO_SEL(1,0)
I, PD
LVCMOS
VCO divider select input. See Tables 3, 4 and 5.
7, 4, 5
SEL(A:C)
I, PD
LVCMOS
Frequency select input, Bank (A:C). See Table 4 on page 4.
20, 14
FB_SEL(1,0)
I, PD
LVCMOS
Feedback dividers select inputs. See Table 5 on page 5.
17, 22, 26
VDDQA
Supply
VDD
2.5V or 3.3V Power supply for bank A output clocks[2,3]
33, 37, 41
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clocks[2,3]
VSS
MR#/OE
CLK_STP#
SELB
SELC
PLL_EN
SELA
TCLK_SEL
TCLK0
TCLK1
VCO_SEL1
VDD
AV DD
VSS
QB1
V DDQB
QB2
VSS
QB3
V DDQB
QB4
FB_IN
VSS
FB_OUT
V DDFB
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
CY29775
Notes
1. PU = Internal pull up, PD = Internal pull down
2. A 0.1-
μF bypass capacitor must be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins their high
frequency filtering characteristics is cancelled by the lead inductance of the traces.
3. AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQA, VDDQB, VDDQC, and VDDFB power supply
pins.
[+] Feedback


Similar Part No. - CY29775AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AI CYPRESS-CY29772AI Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AIT CYPRESS-CY29772AIT Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773AI CYPRESS-CY29773AI Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - CY29775AXI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9775A ALSC-ASM5I9775A Datasheet
507Kb / 12P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com