Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1321 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
7
www.zetex.com
© Zetex Semiconductors plc 2008
High-side current monitor
Reference current monitor
LED thermal control circuit (TADJ) parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VM_VIN
Supply voltage
3
18
V
VMON
Sense voltage
=V(M_VIN) – V(M_LOAD)
0
100
200
mV
IM_LOAD
Input current
Measured into M_LOAD pin
0.08
1
µA
TCO
(MON)
Temperature coefficient
VMON=10mV
VMON=100mV
370
150
ppm/
K
BW
Bandwidth
VMON=10mV
VMON=100mV
350
2.5
KHz
MHz
Gm
Transconductance
Iout/ VMON
1mA/V
Acc
Accuracy
RM = 0.1
Ω
VMON = 100mV
-3
3
%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VADJ
Adjust Voltage
0
500
mV
TCO
(MON)
Temperature Coefficient
VADJ=50mV
VADJ=500mV
160
200
ppm/
K
BW
Bandwidth
VADJ=50mV
VADJ=500mV
275
3
KHz
MHz
Gm
Transconductance
Iout/ VADJ
200
µA/V
Acc
Accuracy
VADJ=500mV
-3
3
%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTADJH
Upper threshold voltage
Onset of output current
reduction (VTADJ falling)
75
mV
VTADJL
Lower threshold voltage
Output current reduced to
<10% of set value
(VTADJ falling)
50
mV
Gm(TADJ)
Transconductance
Iout/ VTADJ
4mA/V


Similar Part No. - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
ZXLD1321DCATC DIODES-ZXLD1321DCATC Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
More results

Similar Description - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
   Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
   Buck mode DC-DC converter for LED driving
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
   current mode boost DC-DC converter
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com