Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1321 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXLD1321 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (Test conditions: VIN = 3V, TAMB= 25°C unless otherwise stated(a))
DC-DC converter supply parameters
NOTES:
(a) Production testing of the device is performed at 25
°C. Functional operation of the device and parameters specified from -40°C to
+125
°C are guaranteed by design, characterisation and process control.
(b) Between 1.2V and 2.2V the device will run in the Low Voltage Startup Mode (for details refer to section "Low Voltage Operation")
DC-DC converter input parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Supply voltage
Normal operation
2.0
12
V
VIN(Start)
Supply voltage for start-up(b)
Start-up mode
1.2
2.4
V
VUV-
Under-voltage detection threshold
Normal operation to start-up mode
VIN falling
1.8
V
VUV+
Under-voltage detection threshold
Start-up mode to normal operation
VIN rising
2.2
V
Iq
Quiescent current
Measured into VIN
ADJ pin floating.
(Excluding switch
base current).
1.5
mA
ISTBY
Standby current
Measured into VIN.
ADJ pin grounded
12
20
µA
VREF
Internal reference voltage
ADJ pin floating
2.0V<VIN<18V
480
500
520
mV
TCO(REF)
Internal reference temperature
coefficient.
50
ppm
/K
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSENSE
Peak switch current sense
voltage
Measured on ISENSE
pin CFB pin at 0V
45
55
65
mV
VSENSE
(SU)
Peak switch current sense
voltage in start-up mode
Measured on ISENSE
pin.
Start-up mode
VIN=1.2V
10.5
mV
ISENSE
Sense input current
Measured into
ISENSE with pin at
0V. CFB pin at 0V
-15
-7
-1
µA
CFB
Control loop compensation
capacitor
10
nF
VADJ
External dc control voltage
applied to ADJ pin to adjust
output current
DC brightness
control mode
50
500
mV
VADJ(th)
Switching threshold of ADJ
pin
Standby state to
normal operation
26
28
30
mV
TCO(VADJ)
Temperature coefficient of
VADJ(th)
+0.3
%/K
RADJ
Internal resistor between
VREF and ADJ
VADJ<500mV
100
k
Ω
VADJ(clmp) Clamp voltage on ADJ pin
100µA injected into
ADJ pin
575
mV


Similar Part No. - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
ZXLD1321DCATC DIODES-ZXLD1321DCATC Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
More results

Similar Description - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
   Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
   Buck mode DC-DC converter for LED driving
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
   current mode boost DC-DC converter
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com