Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7304G-65501Y-B1 Datasheet(PDF) 4 Page - Power-One

Part # ZM7304G-65501Y-B1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7304G-65501Y-B1 Datasheet(HTML) 4 Page - Power-One

  ZM7304G-65501Y-B1 Datasheet HTML 1Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 2Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 3Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 4Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 5Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 6Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 7Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 8Page - Power-One ZM7304G-65501Y-B1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 4 of 32
8
Electrical Specifications
Specifications apply at VDD from 3V to 3.6V, ambient temperature from -40°C to 85°C, and utilizing proper
decoupling as shown in Figure 3 unless otherwise noted.
8.1
Power Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Supply Voltage
VDD pin
3.0
3.6
VDC
Undervoltage Lockout
Hardware reset is triggered below this
threshold
2.3
2.5
2.7
VDC
Input Supply Current
VDD pin=3.3V
12
20
mA
VREF voltage
AREF pin
2.3
2.56
2.7
VDC
IBVS input voltage range
GND
VREF
VDC
IBVS input resistance
100
MΩ
8.2
Feature Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Intermediate Voltage Bus Protections
Overvoltage Protection
Threshold
With external 5.7 times divider
IBV
14.6
V
Undervoltage Protection
Threshold
With external 5.7 times divider
0
IBV
V
Threshold Hysteresis
With external 5.7 times divider.
Symmetrical relative to average
threshold value
±114
mV
Accuracy of Protection
Thresholds
Internal voltage reference, 1% resistive
divider
-10
10
%VTH
Internal ADC Conversion Error
With external 5.7 times divider
-43
43
mV
Front End Enable (FE_EN)
VFE_EN
Front End logic level enabled
High
VFE_EN
Front End logic level disabled
Low
Isrc
Source Current, VFE_EN=VDD-0.5V
5
mA
Isink
Sink Current, VFE_EN=0.5V
5
mA
Crowbar (CB)
VCB
Crowbar Enable
High
VCB
Crowbar Disable
Low
Isrc
Source Current, VCB=VDD-0.5V
5
mA
Isink
Sink Current, VCB=0.5V
5
mA
TCB
Duration of Enabling Pulse
1
ms


Similar Part No. - ZM7304G-65501Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7304G-65501-B1 POWER-ONE-ZM7304G-65501-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65501-B2 POWER-ONE-ZM7304G-65501-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65501-Q1 POWER-ONE-ZM7304G-65501-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65501-T1 POWER-ONE-ZM7304G-65501-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65501-T2 POWER-ONE-ZM7304G-65501-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7304G-65501Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com