Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43584E2338M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43584E2338M000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43584E2338M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43584E2338M000 Datasheet HTML 4Page - EPCOS B43584E2338M000 Datasheet HTML 5Page - EPCOS B43584E2338M000 Datasheet HTML 6Page - EPCOS B43584E2338M000 Datasheet HTML 7Page - EPCOS B43584E2338M000 Datasheet HTML 8Page - EPCOS B43584E2338M000 Datasheet HTML 9Page - EPCOS B43584E2338M000 Datasheet HTML 10Page - EPCOS B43584E2338M000 Datasheet HTML 11Page - EPCOS B43584E2338M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
IAC,R(B)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
7 = for heat sink mounting - only capacitors with
diameter d
≥ 64.3 mm and without threaded
stud
VR = 200 V DC
3300
51.6
× 80.7
40
60
48
21
7.9
15.3
B435*4E2338M000
4700
51.6
× 105.7
29
44
35
27
10.1
17.6
B435*4E2478M000
4700
64.3
× 80.7
29
44
35
27
10.0
18.6
B435*4F2478M00#
6800
64.3
× 105.7
21
32
25
34
12.6
22.0
B435*4E2688M00#
8200
76.9
× 105.7
17
26
20
41
15.2
26.8
B435*4E2828M00#
10000
76.9
× 105.7
14
21
17
47
17.4
32.8
B435*4E2109M00#
15000
76.9
× 143.2
8
12
10
57
25.6
43.6
B435*4E2159M00#
22000
91.0
× 144.5
5
8
6
80
35.9
63.6
B435*4E2229M00#
27000
76.9
× 220.7
4
6
5
57
44.5
57.0
B435*4E2279M00#
33000
91.0
× 221.0
4
6
5
80
44.8
66.7
B435*4E2339M00#
VR = 250 V DC
2200
51.6
× 80.7
51
77
61
18
6.8
12.5
B435*4A2228M000
2700
51.6
× 80.7
46
69
55
20
7.4
14.6
B435*4A2278M000
3300
51.6
× 80.7
36
54
43
23
8.4
17.4
B435*4C2338M000
3900
51.6
× 105.7
32
48
38
26
9.7
17.2
B435*4A2398M000
4700
64.3
× 105.7
26
39
31
30
11.1
18.2
B435*4C2478M00#
6800
76.9
× 105.7
19
29
23
39
14.5
25.9
B435*4B2688M00#
8200
76.9
× 105.7
16
24
19
44
16.4
31.3
B435*4A2828M00#
10000
76.9
× 143.2
13
20
16
51
19.1
31.0
B435*4A2109M00#
12000
76.9
× 143.2
9
14
11
57
24.1
41.3
B435*4A2129M00#
15000
76.9
× 168.7
8
12
10
57
27.4
42.9
B435*4B2159M00#
15000
91.0
× 144.5
7
11
8
79
29.2
49.5
B435*4A2159M00#
22000
76.9
× 220.7
5
8
6
57
39.8
56.9
B435*4A2229M00#
27000
91.0
× 221.0
4
6
5
80
45.1
67.7
B435*4A2279M00#
B43564, B43584
High ripple current
85
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43584E2338M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43584E2338M000 EPCOS-B43584E2338M000 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43584E2338M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com