Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7332G-65502Y-B1 Datasheet(PDF) 7 Page - Power-One

Part # ZM7332G-65502Y-B1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7332G-65502Y-B1 Datasheet(HTML) 7 Page - Power-One

Back Button ZM7332G-65502Y-B1 Datasheet HTML 3Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 4Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 5Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 6Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 7Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 8Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 9Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 10Page - Power-One ZM7332G-65502Y-B1 Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 7 of 32
9
Typical Application
Figure 3. Typical Application Schematic of Multiple Output System with Digital Power Manager and I
2C Interface
The schematic of a typical application of a ZM7300 digital power manager (DPM) is shown in Figure 3. The
system includes four groups of Z-One Point Of Load converters (POLs). A group is defined as one or more POL
converters interconnected via OK pins.
Grouping of the POLs enables users to program advanced fault
management schemes and define margining functions, monitoring, startup behavior, and reporting conventions.
All Z-One POL converters are connected to the DPM and to each other via a single-wire synchronization/data (SD)
line. The line provides synchronization of all POL converters to the master clock generated by the DPM and
simultaneously carries bidirectional data transfer between POL converters and the DPM. The DPM communicates
via the I
2C bus with the host system and/or the Graphical User Interface.
In this application, besides Z-One POL converters, the DPM also controls and monitors two auxiliary devices – a
Voltage Regulation Module (VRM) and a Low Dropout Regulator (LDO). While these devices are not Z-One
compliant and may not even be manufactured by Power-One, they are integrated into the system by
communicating with the DPM via their Enable pins connected to ENX outputs of the DPM. In addition, the DPM
monitors status of the auxiliary devices via its PGX inputs connected to Power Good and Error Flag outputs of the
auxiliary devices. The DPM can control and monitor four or more independent auxiliary devices.
The DPM can also trigger an optional crowbar circuit and provide undervoltage and overvoltage protections of the
intermediate bus voltage. In addition, the DPM can be controlled by a host system via the interrupt inputs, RES_N
and the ACFAIL_N inputs.


Similar Part No. - ZM7332G-65502Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7332G-65502-B1 POWER-ONE-ZM7332G-65502-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7332G-65502-B2 POWER-ONE-ZM7332G-65502-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7332G-65502-Q1 POWER-ONE-ZM7332G-65502-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7332G-65502-T1 POWER-ONE-ZM7332G-65502-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7332G-65502-T2 POWER-ONE-ZM7332G-65502-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7332G-65502Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com