Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62127DV20LL-55ZI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62127DV20LL-55ZI
Description  1M (64K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV20LL-55ZI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62127DV20LL-55ZI Datasheet HTML 1Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 2Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV20LL-55ZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62127DV20
MoBL2®
ADVANCE
INFORMATION
Document #: 38-05301 Rev. **
Page 2 of 12
Pin Configuration[2]
Note:
2. DNU pins are to be connected to VSS or left open.
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
TSOP II (Forward)
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A12
A4
A3
OE
VSS
A5
I/O16
A2
CE
I/O3
I/O1
I/O2
BH E
CE
A1
A0
18
17
20
19
I/O4
27
28
25
26
22
21
23
24
DNU
VSS
I/O7
I/O5
I/O6
I/O8
A6
A7
BLE
VCC
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
WE
A11
A10
A
6
A0
A3
CE
I/O10
I/O
8
I/O9
A4
A
5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
V
SS
A7
I/O0
BH E
A2
A
1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O
5
I/O6
I/O7
A15
A14
A
13
A
12
3
26
5
4
1
D
E
B
A
C
F
G
H
FBGA (Top View)
DNU
VCC
1
CE 2
DNU
DNU
DNU
DNU
DNU
2
1
NU


Similar Part No. - CY62127DV20LL-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV18L-55ZI CYPRESS-CY62127DV18L-55ZI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
More results

Similar Description - CY62127DV20LL-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com