Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128DV30LL-55SXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62128DV30LL-55SXI
Description  1-Mb (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128DV30LL-55SXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62128DV30LL-55SXI Datasheet HTML 3Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 4Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 5Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 6Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 7Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 8Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 9Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 10Page - Cypress Semiconductor CY62128DV30LL-55SXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CY62128DV30
Document #: 38-05231 Rev. *H
Page 11 of 11
Document History Page
Document Title: CY62128DV30 1-Mb (128K x 8) Static RAM
Document Number: 38-05231
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
117691
08/27/02
JUI
New Data Sheet
*A
127314
5/27/03
MPR
Changed from Advance Information to Preliminary
Changed Isb2 to 5
µA (L), 4 µA (LL)
Changed Iccdr to 4
µA (L), 3 µA (LL)
Changed Cin from 6 pF to 8 pF
*B
128342
07/23/03
JUI
Changed from Preliminary to Final
Add 70-ns speed, updated ordering information
*C
129002
08/29/03
CDY
Changed Icc 1 MHz typ from 0.5 mA to 0.85 mA
*D
347394
See ECN
PCI
Added Lead-Free Packages in Ordering Information Table
*E
395936
See ECN
SYT
Changed address of Cypress Semiconductor Corporation on Page# 1 from
“3901 North First Street” to “198 Champion Court”
Corrected CE1 and CE2 waveforms on Write Cycle No.1 on Page# 6.
Edited the Write Cycle No.1 switching waveform Data I/O to include Don’t
Care Condition on Page# 6
Updated the ordering information on Page # 8
*F
428906
See ECN
AJU
Added Thermal Resistance numbers for RTSOP package
Updated Ordering Information table by replacing Package Name column with
Package Diagram
*G
464721
See ECN
NXR
Updated the Block Diagram on page # 1
*H
470383
See ECN
NXR
Changed pin# 1 of SOIC and STSOP I, pin # 9 of TSOP I and RTSOP I from
NC to DNU and added footnote# 3


Similar Part No. - CY62128DV30LL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30LL-55SI CYPRESS-CY62128DV30LL-55SI Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
More results

Similar Description - CY62128DV30LL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30 Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com