Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137CV25 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62137CV25
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV25 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62137CV25_06 Datasheet HTML 1Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 2Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 3Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 4Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 5Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 6Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 7Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 8Page - Cypress Semiconductor CY62137CV25_06 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *F
Page 2 of 13
Pin Configuration[2, 3]
Notes:
2. NC pins are not connected to the die.
3. E3 (DNU) can be left as NC or tied to VSS to ensure proper application.
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC (mA)
Standby, ISB2
(
µA)
f = 1 MHz
f = fmax
Min.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62137CV25LL
Industrial
2.2
2.5
2.7
55
1.5
3
7
15
2
10
70
1.5
3
5.5
12
CY62137CV30LL
Industrial
2.7
3.0
3.3
55
1.5
3
7
15
2
10
70
1.5
3
5.5
12
CY62137CV30LL
Automotive
2.7
3.0
3.3
70
1.5
3
5.5
15
2
15
CY62137CV33LL
Industrial
3.0
3.3
3.6
55
1.5
3
7
15
5
15
70
1.5
3
5.5
12
CY62137CVLL
Industrial
2.7V
3.3
3.6
70
1.5
3
5.5
12
5
15
CY62137CVSL
Industrial
2.7V
3.3
3.6
70
1.5
3
5.5
12
1
5
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
48-ball FBGA Pinout
A16
DNU
VCC
NC
Top View


Similar Part No. - CY62137CV25_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV25LL-55BAI CYPRESS-CY62137CV25LL-55BAI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25LL-55BVI CYPRESS-CY62137CV25LL-55BVI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25LL-70BAI CYPRESS-CY62137CV25LL-70BAI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25LL-70BVI CYPRESS-CY62137CV25LL-70BVI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
More results

Similar Description - CY62137CV25_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com