Electronic Components Datasheet Search |
|
ZM7332G-65504Y-B1 Datasheet(PDF) 2 Page - Power-One |
|
ZM7332G-65504Y-B1 Datasheet(HTML) 2 Page - Power-One |
2 / 32 page ZM7300G Series Digital Power Manager Data Sheet REV. 3.3 NOV 26, 2007 www.power-one.com Page 2 of 32 1 Selection Chart DPM Type Number of Z-One TM POLs and Auxiliary devices that can be controlled Active Addresses Number of Groups Number of Interrupts Number of Parallel Buses Number of Auxiliary Devices ZM7304G 4 00…03 2 2 2 4 ZM7308G 8 00…07 2 2 4 4 ZM7316G 16 00…15 3 3 4 4 ZM7332G 32 00…31 4 4 8 4 2 Ordering Information ZM 73 xx G – yyyyy Y – zz Product family: Z-One Power Management Devices Series: Digital Power Manager Number of Z- One TM POLs and Auxiliary devices: 04 – 4 devices 08 – 8 devices 16 – 16 devices 32 – 32 devices RoHS compliance: G - RoHS compliant for all six substances 5-digit identifier assigned by Power-One for each unique configuration file Optional: Letter identifying configuration file revision level 1) Packaging Option 2): B1 – 50pcs Tube B2 – 10pcs Tube T1 – 500pcs T&R T2 – 100pcs T&R Q1 – 1pc sample for evaluation only ______________________________________ 1 Revision level identifier is optional and included for convenience of users. It is users’ responsibility to order appropriate revision level. If no revision level identifier is added to the part number, the DPM will be programmed with the latest revision of the configuration file stored in the Power-One’s database. 2 Packaging option is used only for ordering and not included in the part number printed on the DPM label. 3 The evaluation board is available in only one configuration: ZM7300-KIT-HKS Example: ZM7316G-12345A-T1: A 500-piece reel of 16-node DPMs with preloaded configuration file code 12345, revision A. Each DPM is labeled ZM7316G-12345A. Refer to Figure 1 for label marking information. Figure 1. Label Drawing 3 Standard 5-Digit Identifiers DPM Type DPM preloaded with default configuration file (“blank”) DPM configured for JTAG programming Packaging Options ZM7304G 65501 65505 B1, B2, T1, T2, Q1 ZM7308G 65502 65506 B1, B2, T1, T2, Q1 ZM7316G 65503 65507 B1, B2, T1, T2, Q1 ZM7332G 65504 65508 B1, B2, T1, T2, Q1 |
Similar Part No. - ZM7332G-65504Y-B1 |
|
Similar Description - ZM7332G-65504Y-B1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |