Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62136VLL-70ZSE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62136VLL-70ZSE
Description  2-Mbit (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136VLL-70ZSE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62136VLL-70ZSE Datasheet HTML 1Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 2Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 3Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 4Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 5Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 6Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 7Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 8Page - Cypress Semiconductor CY62136VLL-70ZSE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY62136V MoBL®
Document #: 38-05087 Rev. *D
Page 3 of 13
Pin Definitions
Pin Number
Type
Description
1–5, 18–22, 24–27, 42–45
Input
A0–A16. Address Inputs
7–10, 13–16, 29–32, 35–38
Input/Output
I/O0–I/O15. Data lines. Used as input or output lines depending on operation
23
No Connect
NC. This pin is not connected to the die
17
Input/Control WE. When selected LOW, a WRITE is conducted. When selected HIGH, a READ
is conducted
6
Input/Control CE. When LOW, selects the chip. When HIGH, deselects the chip
40, 39
Input/Control BHE, BLE.
BHE = LOW selects higher order byte WRITEs or READs on the SRAM
BLE = LOW selects lower order byte WRITEs or READs on the SRAM
41
Input/Control OE. Output Enable. Controls the direction of the I/O pins. When LOW, the I/O pins
behave as outputs. When deasserted HIGH, I/O pins are Tri-stated, and act as
input data pins
12, 34
Ground
VSS. Ground for the device
11, 33
Power Supply VCC. Power supply for the device


Similar Part No. - CY62136VLL-70ZSE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136VLL-70ZSE CYPRESS-CY62136VLL-70ZSE Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136VLL-70ZSE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com