Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128VL-70ZAI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62128VL-70ZAI
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128VL-70ZAI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62128VL-70ZAI Datasheet HTML 1Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 2Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 3Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 4Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 5Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 6Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 7Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 8Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62128V Family
4
AC Test Loads and Waveforms
1.8V
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<5 ns
<5 ns
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
62128V–5
62128V–6
RTH
R1
Parameters
3.3V
2.5V
1.8V
Unit
R1
1213
15909
10800
Ohms
R2
1378
4487
4154
Ohms
RTH
645
3500
3000
Ohms
VTH
1.75V
0.55V
0.50V
Volts
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions[4]
Min.
Typ.[2]
Max.
Unit
VDR
VCC for Data Retention
1.6
V
ICCDR
Data Retention Current
Com’l
L
VCC = 2V
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
No input may exceed
VCC+0.3V
0.4
10
µA
LL,
XL
10
µA
Ind’l
L
20
µA
LL
20
µA
tCDR
[3]
Chip Deselect to Data Retention Time
0
ns
tR
Operation Recovery Time
tRC
ns
Data Retention Waveform
Note:
4.
No input may exceed VCC+0.3V.
C62128V–7
1.8V
1.8V
tCDR
VDR > 1.6 V
DATA RETENTION MODE
tR
CE
VCC


Similar Part No. - CY62128VL-70ZAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128VL-70ZAI CYPRESS-CY62128VL-70ZAI Datasheet
178Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - CY62128VL-70ZAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com