Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137CVSL-70BAI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62137CVSL-70BAI
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CVSL-70BAI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62137CVSL-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 9Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 10Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 11Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 12Page - Cypress Semiconductor CY62137CVSL-70BAI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *F
Page 10 of 13
Truth Table
CE
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
High-Z
Deselect/Power-down
Standby (ISB)
X
X
X
H
H
High-Z
Deselect/Power-down
Standby (ISB)
L
H
L
L
L
Data Out (I/OO–I/O15)
Read
Active (ICC)
L
H
L
H
L
Data Out (I/OO–I/O7);
I/O8–I/O15 in High-Z
Read
Active (ICC)
L
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High-Z
Read
Active (ICC)
L
H
H
L
L
High-Z
Output Disabled
Active (ICC)
L
H
H
H
L
High-Z
Output Disabled
Active (ICC)
L
H
H
L
H
High-Z
Output Disabled
Active (ICC)
L
L
X
L
L
Data In (I/OO–I/O15)
Write
Active (ICC)
L
L
X
H
L
Data In (I/OO–I/O7);
I/O8–I/O15 in High-Z
Write
Active (ICC)
L
L
X
L
H
Data In (I/O8–I/O15);
I/O0–I/O7 in High-Z
Write
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Voltage
Range (V)
Package
Diagram
Package Type
Operating
Range
70
CY62137CV30LL-70BAI
2.7–3.3
51-85096 48-ball FBGA (7 x 7 x 1.2 mm)
Industrial
CY62137CV30LL-70BVI
51-85150 48-ball FBGA (6 x 8 x 1 mm)
CY62137CV30LL-70BVXI
48-ball FBGA (6 x 8 x 1 mm) (Pb-free)
CY62137CV33LL-70BAI
3.0–3.6
51-85096 48-ball FBGA (7 x 7 x 1.2 mm)
CY62137CV33LL-70BVI
51-85150 48-ball FBGA (6 x 8 x 1 mm)
CY62137CVSL-70BVI
2.7–3.6
51-85150 48-ball FBGA (6 x 8 x 1 mm)
CY62137CVSL-70BAI
51-85096 48-ball FBGA (7 x 7 x 1.2 mm)
CY62137CVSL-70BAXI
48-ball FBGA (7 x 7 x 1.2 mm) (Pb-free)
CY62137CV30LL-70BAE
2.7–3.3
51-85096 48-ball FBGA (7 x 7 x 1.2 mm)
Automotive
CY62137CV30LL-70BVE
51-85150 48-ball FBGA (6 x 8 x 1 mm)
CY62137CV30LL-70BVXE
48-ball FBGA (6 x 8 x 1 mm) (Pb-free)
55
CY62137CV30LL-55BAI
2.7–3.3
51-85096 48-ball FBGA (7 x 7 x 1.2 mm)
Industrial
CY62137CV30LL-55BVI
51-85150 48-ball FBGA (6 x 8 x 1 mm)
CY62137CV30LL-55BVXI
48-ball FBGA (6 x 8 x 1 mm) (Pb-free)
CY62137CV33LL-55BAI
3.0–3.6
51-85096 48-ball FBGA (7 x 7 x 1.2 mm)
CY62137CV33LL-55BVI
51-85150 48-ball FBGA (6 x 8 x 1 mm)
Please contact your local Cypress sales representative for availability of other parts.


Similar Part No. - CY62137CVSL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CVSL-70BAI CYPRESS-CY62137CVSL-70BAI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62137CVSL-70BAI CYPRESS-CY62137CVSL-70BAI Datasheet
621Kb / 13P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137CVSL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com