Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128DV30LL-70ZAXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62128DV30LL-70ZAXI
Description  1-Mb (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128DV30LL-70ZAXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62128DV30LL-70ZAXI Datasheet HTML 1Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 2Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 3Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 4Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 5Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 6Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 7Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 8Page - Cypress Semiconductor CY62128DV30LL-70ZAXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY62128DV30
Document #: 38-05231 Rev. *H
Page 4 of 11
Data Retention Characteristics
Data Retention Waveform
Note:
8. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs.
AC Test Loads and Waveforms[8]
Parameters
2.5V (2.2V - 2.7V)
3.0V (2.7V - 3.6V)
Unit
R1
16600
1103
R2
15400
1554
RTH
8000
645
VTH
1.20
1.75
V
VCC
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
EQUIVALENT
ALL INPUT PULSES
RTH
R1
THEVENIN
Parameter
Description
Conditions
Min.
Typ.[4] Max. Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC = 1.5V, CE1 > VCC − 0.2V, CE2 < 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V
L4
µA
LL
3
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR[8]
Operation Recovery Time
100
µs
VCC(min.)
V
CC(min.)
t
CDR
VDR > 1.5V
DATA RETENTION MODE
t
R
CE1
VCC
CE2
or


Similar Part No. - CY62128DV30LL-70ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30LL-70ZAI CYPRESS-CY62128DV30LL-70ZAI Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
More results

Similar Description - CY62128DV30LL-70ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30 Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com