Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32912A3104 Datasheet(PDF) 2 Page - EPCOS

Part # B32912A3104
Description  EMI Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32912A3104 Datasheet(HTML) 2 Page - EPCOS

  B32912A3104 Datasheet HTML 1Page - EPCOS B32912A3104 Datasheet HTML 2Page - EPCOS B32912A3104 Datasheet HTML 3Page - EPCOS B32912A3104 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMI Suppression Capacitors (MKP)
B3291* Series
X1 / 330 V AC
Preliminary data
Recommended applications
Dimensional drawing
X1 class for interference suppression
“Across the line” applications.
For apparatus permanently connected to mains and
isolated from direct contact with humidity
Climatic
Maximum operating temperature 110 ºC
Climatic category (IEC 60068-1): 40/110/56
Construction
Dielectric: Polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Dimensions in mm
Lead spacing
±0.4 (mm)
Lead diameter
d1 (mm)
Type
10
0.6
B32911
15
... 27.5
0.8
B32912 ... 14
37.5
1.0
B32916
Features
Very small dimensions
Good self-healing properties
High voltage capability
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6 –1 mm
Marking examples:
Special lead lengths are available on request
15 ≤
≤ 27.5 mm
= 10mm
(CR ≤ 1 µF)
Marking
Manufacturer’s logo and lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter) and
rated ac voltage (IEC)
Series number, sub-class (X1),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
22.5 ≤
≤ 37.5 mm
Delivery mode
(CR > 1 µF)
Bulk (untaped)
Taped (Ammo pack or Reel)
Technical data
Rated AC voltage (IEC 60384-14)
330 V (50/60 Hz)
Maximum continuous DC voltage (V DC)
760 V
Maximum operating temperature Top,max
+110 ºC
DC test voltage
2500 V, 2 s
C ≤ 2.2 µF
C > 2.2 µF
Dissipation factor tan
δ (in 10–3 )
at 20 °C, (upper limit values)
at 1 kHz
1
2
CR ≤ 0.33 µF
CR > 0.33 µF
Insulation resistance Rins or time constant
τ = CR ·⋅ Rins at 100 V DC, 20 °C,
rel. humidity
≤ 65% and for 60 s
(minimum “as delivered” values)
100,000 M
Ω
30,000 s
Passive flammability category to
IEC 40 (CO) 752
B
Capacitance tolerances
(measured at 1 kHz)
±10% (K), ±20% (M)
FK DC PM
May 2007
Page 2 of 4


Similar Part No. - B32912A3104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32912A3104 EPCOS-B32912A3104 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912A3104 EPCOS-B32912A3104 Datasheet
299Kb / 14P
   Film Capacitors
B32912A3104 EPCOS-B32912A3104 Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32912A3104000 EPCOS-B32912A3104000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912A3104189 EPCOS-B32912A3104189 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32912A3104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com