Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137CV33LL-55BVI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62137CV33LL-55BVI
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV33LL-55BVI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62137CV33LL-55BVI Datasheet HTML 2Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 3Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor CY62137CV33LL-55BVI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *F
Page 6 of 13
Switching Characteristics Over the Operating Range[9]
Parameter
Description
55 ns
70 ns
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
10
10
ns
tACE
CE LOW to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to Low-Z[10]
5
5
ns
tHZOE
OE HIGH to High-Z[10, 12]
20
25
ns
tLZCE
CE LOW to Low-Z[10]
10
10
ns
tHZCE
CE HIGH to High-Z[10, 12]
20
25
ns
tPU
CE LOW to Power-up
0
0
ns
tPD
CE HIGH to Power-down
55
70
ns
tDBE
BHE/BLE LOW to Data Valid
55
70
ns
tLZBE
[11]
BHE/BLE LOW to Low-Z[10]
5
5
ns
tHZBE
BHE/BLE HIGH to High-Z[10, 12]
20
25
ns
Write Cycle[13]
tWC
Write Cycle Time
55
70
ns
tSCE
CE LOW to Write End
45
60
ns
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
40
45
ns
tBW
BHE/BLE Pulse Width
50
60
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High-Z[10, 12]
20
25
ns
tLZWE
WE HIGH to Low-Z[10]
10
10
ns
Notes:
9. Test conditions assume signal transition time of 5 ns or less, timing reference levels of VCC(typ.)/2, input pulse levels of 0 to VCC(typ.), and output loading of the
specified IOL/IOH and 30-pF load capacitance.
10. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any
given device.
11. If both byte enables are toggled together this value is 10 ns.
12. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state.
13. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and any
of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates
the write.


Similar Part No. - CY62137CV33LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV33LL-55BVI CYPRESS-CY62137CV33LL-55BVI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV33LL-55BVI CYPRESS-CY62137CV33LL-55BVI Datasheet
621Kb / 13P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137CV33LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com