Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157DV30LL-55ZSI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62157DV30LL-55ZSI
Description  8-Mbit (512K x 16) MoBL짰 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30LL-55ZSI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62157DV30LL-55ZSI Datasheet HTML 1Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 2Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 3Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30LL-55ZSI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62157DV30 MoBL®
Document #: 38-05392 Rev. *H
Page 4 of 12
Thermal Resistance[11]
Parameter
Description
Test Conditions
FBGA
TSOP II
TSOP I
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
39.3
35.62
36.9
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
9.69
9.13
10.05
°C/W
AC Test Loads and Waveforms[13]
Parameters
2.50V
3.0V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.[2]
Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC= 1.5V
CE1 > VCC – 0.2V, CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
Ind’l (L)
10
µA
Ind’l/Auto-A (LL)
4
Auto-E (L)
25
tCDR
[11]
Chip Deselect to Data
Retention Time
0ns
tR
[14]
Operation Recovery Time
tRC
ns
Data Retention Waveform[15]
Notes:
13. Test condition for the 45 ns part is a load capacitance of 30 pF.
14. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) > 100 µs.
VCC
VCC
OUTPUT
R2
30 pF / 50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to: THEVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
VCC, min.
VCC, min.
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE
.BLE
CE2
or


Similar Part No. - CY62157DV30LL-55ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30LL-55ZSI CYPRESS-CY62157DV30LL-55ZSI Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30LL-55ZSI CYPRESS-CY62157DV30LL-55ZSI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
More results

Similar Description - CY62157DV30LL-55ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30_07 Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30 CYPRESS-CY62148DV30 Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62168DV3 CYPRESS-CY62168DV3_06 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30_10 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com