Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32669S6205K508 Datasheet(PDF) 5 Page - EPCOS

Part # B32669S6205K508
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32669S6205K508 Datasheet(HTML) 5 Page - EPCOS

  B32669S6205K508 Datasheet HTML 1Page - EPCOS B32669S6205K508 Datasheet HTML 2Page - EPCOS B32669S6205K508 Datasheet HTML 3Page - EPCOS B32669S6205K508 Datasheet HTML 4Page - EPCOS B32669S6205K508 Datasheet HTML 5Page - EPCOS B32669S6205K508 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering codes and packing units (insulated leads)
Vrms
VAC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Code number for lead version and length:
K =
±10%
J =
±5%
504 = Insulated leads (lead length 160 mm)
508 = Insulated leads (lead length 65 mm)
250
1.0
9.0
× 32.0
B32669S3105+***
250
1.5
11.0
× 32.0
B32669S3155+***
250
2.0
12.5
× 32.0
B32669S3205+***
250
2.5
14.0
× 32.0
B32669S3255+***
250
3.0
15.5
× 32.0
B32669S3305+***
200
4.0
15.0
× 47.0
B32669S3405+***
200
6.0
17.0
× 47.0
B32669S3605+***
150
8.0
19.5
× 47.0
B32669S3805+***
150
10
21.5
× 47.0
B32669S3106+***
150
400
1.0
13.0
× 32.0
B32669S6105+***
250
1.5
15.0
× 32.0
B32669S6155+***
250
2.0
19.0
× 32.0
B32669S6205+***
250
2.5
21.0
× 32.0
B32669S6255+***
150
3.0
18.0
× 47.0
B32669S6305+***
150
4.0
21.0
× 47.0
B32669S6405+***
150
5.0
22.0
× 47.0
B32669S6505+***
150
6.0
25.5
× 47.0
B32669S6605+***
150
B32669
AC applications (wound)
5


Similar Part No. - B32669S6205K508

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32669 TDK-B32669 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6105000 TDK-B32669B6105000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6155000 TDK-B32669B6155000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6205000 TDK-B32669B6205000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6305000 TDK-B32669B6305000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32669S6205K508

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com