Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYONS1001G-LBXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYONS1001G-LBXC
Description  OvationONS??Laser Navigation Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS1001G-LBXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYONS1001G-LBXC Datasheet HTML 6Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 7Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 8Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 9Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 10Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 11Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 12Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 13Page - Cypress Semiconductor CYONS1001G-LBXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CYONS1001x
Document Number: 001-06398 Rev. *J
Page 10 of 24
SPI Interface
SPI Interface Configuration
The main interface to the CYONS1001x sensor is a 4-pin SPI
interface. The sensor is an SPI slave, and the external controller
is the master. If the sensor is the only slave device, the controller
can hold the NCS pin low at all times.
The sensor SPI bus is configured as follows:
Bit order is MSB first
The SPI bus clock input (SCK) must be between 500 kHz and
2 MHz
CPOL = 0, the clock idle state is low
CPHA = 0, data is registered as input on the leading edge of
SCK and output on the trailing edge of the SCK
The sensor can process SPI commands when the MOTION pin
is asserted by the sensor. The sensor cannot process SPI
commands in nap, sleep, or hibernate mode.
SPI Interface Commands
Table 9 shows the format of the commands the external
controller can issue to the sensor. Except for the change
resolution and read resolution commands, the commands are
identical for all for all CYONS1001x sensors.
The commands are described in the following sections. Timing
diagrams for the commands are shown on page 13.
Read Tracking Data Command
The read tracking data command reads four bytes of x/y axis
location information in a single long transaction. To reduce the
overhead of this frequent command, no address byte is required,
only a command byte.
Tracking data is reported as relative movement since the last
tracking data read. The tracking data is reported in two’s
complement format. Each time tracking data is read, the internal
accumulators for both the x-axis and the y-axis are reset to zero.
Soft Reset Command
The soft reset command forces the sensor into a soft reset. The
reset takes the same amount of time as a power on reset of the
sensor chip, so the external controller must wait approximately
100 ms before the sensor can respond to further commands.
Test Write Command
The test write command writes a data byte to sensor memory,
where it is read back by the test read command. These
commands enable the developer to test the SPI interface
between the sensor and external controller.
Test Read Command
The test read command reads the test write data byte from
sensor memory. If a test write command has not been issued
before the test read command, the value returned is undefined.
Read Firmware ID Command
The read firmware ID command enables the controller to read a
sensor firmware ID byte, allowing the system to maintain version
control of firmware updates. The command is implemented as a
read to the firmware ID address of the sensor. The byte returned
by the sensor is a unique identifier of the firmware. Other than
that, it is not structured.
Table 9. SPI Command Formats
SPI Command
Request from Master
Response from
Slave
tSPI DELAY_1
(min)
tSPI DELAY_2
(min)
Command byte
Address byte
Data byte
Read tracking
data
0x80
None
None
<x_cnt_high_byte>
<x_cnt_low_byte>
<y_cnt_high_byte>
<y_ cnt_low_byte>
400 µs
20 µs
Soft reset
0x02
0xE0
0x01
No response
400 µs
20 µs
Change
resolution
0x02
0x1A
<data_byte>
No response
400 µs
20 µs
Read resolution
0x82
0x1A
None
<data_byte>
400 µs
100 µs
Test write
0x02
0x1C
0xXX
No response
400 µs
20 µs
Test read
0x82
0x1C
None
<data_byte>
400 µs
100 µs
Read firmware ID
0x82
0xFF
None
<data_byte>
400 µs
100 µs
Read product ID
0x82
0xFE
None
0x0F:CYONS1001
0x0A:CYONS1001L
0x05:CYONS1001T
0x0B:CYONS1001G
0x0C:CYONS1001U
All others reserved
400 µs
100 µs
Read signal level
0x82
0x5B
None
<data_byte>
400 µs
100 µs
[+] Feedback


Similar Part No. - CYONS1001G-LBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS1001G-LBXC CYPRESS-CYONS1001G-LBXC Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
More results

Similar Description - CYONS1001G-LBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001L CYPRESS-CYONS1001L Datasheet
267Kb / 9P
   OvationONS??1L - Laser Navigation Sensor
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
logo
Banner Engineering Corp...
LG5A65PI BANNER-LG5A65PI Datasheet
982Kb / 11P
   Laser Gauging Sensors
logo
Omron Electronics LLC
ZX2 OMRON-ZX2 Datasheet
4Mb / 15P
   Smart Sensors Laser Sensors CMOS Type
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com