Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYONS1001-LBXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYONS1001-LBXC
Description  OvationONS??Laser Navigation Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS1001-LBXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYONS1001-LBXC Datasheet HTML 5Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 6Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 7Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 8Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 9Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 10Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 11Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 12Page - Cypress Semiconductor CYONS1001-LBXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CYONS1001x
Document Number: 001-06398 Rev. *J
Page 9 of 24
Resolution Control Capabilities
The CYONS1001x sensors support a variety of resolution
control modes that offer users both precision tracking and flexi-
bility. The resolution control capabilities of each sensor are
summarized in Table 8. The various resolution control modes are
described in the following sections.
Standard Resolution Control
In standard control mode, resolution is adjusted in increments of
200 or 400 cpi, depending on the sensor.
X/Y Resolution Control
In x/y resolution control mode, the x-direction and y-direction
resolution are independent: they need not be set to the same
value. Resolution in either direction is adjusted in increments of
50 cpi.
Fine Resolution Control
Fine control mode enables continuously variable resolution in
increments of less than 1 cpi.
Setting Sensor Resolution
Sensor resolution is controlled by the change resolution
command described on page 11.
Standard resolution control requires a single change resolution
command to change the resolution in both the x and y direction.
X/Y resolution control requires a separate change resolution
command for each direction.
Fine resolution control requires two change resolution
commands to specify the resolution. In both commands, the
two most significant bits select the resolution control mode. In
the first command, bits 5-0 provide the first half of the resolution
code. In the second command, bits 5-0 provide the second half
of the resolution code.
Table 8. Resolution Control Capabilities of CYONS1001x Sensors
Sensor
Minimum
Resolution
Maximum
Resolution
Standard
Resolution Control
X/Y Resolution
Control
Fine Resolution
Control
CYONS1001L
400 cpi
1200 cpi
400 cpi steps
CYONS1001T
50 cpi
1150 cpi
50 cpi steps
CYONS1001
400 cpi
2400 cpi
200 cpi steps
50 cpi steps
<1 cpi steps
CYONS 1001G
400 cpi
2800 cpi
200 cpi steps
50 cpi steps
<1 cpi steps
CYONS 1001U
400 cpi
3200 cpi
200 cpi steps
50 cpi steps
<1 cpi steps
[+] Feedback


Similar Part No. - CYONS1001-LBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS1001-LBXC CYPRESS-CYONS1001-LBXC Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
More results

Similar Description - CYONS1001-LBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001L CYPRESS-CYONS1001L Datasheet
267Kb / 9P
   OvationONS??1L - Laser Navigation Sensor
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
logo
Banner Engineering Corp...
LG5A65PI BANNER-LG5A65PI Datasheet
982Kb / 11P
   Laser Gauging Sensors
logo
Omron Electronics LLC
ZX2 OMRON-ZX2 Datasheet
4Mb / 15P
   Smart Sensors Laser Sensors CMOS Type
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com