Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYP15G0401DXB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYP15G0401DXB
Description  Quad HOTLink II??Transceiver
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401DXB Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYP15G0401DXB Datasheet HTML 1Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 2Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 3Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 4Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 5Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 6Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 7Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 8Page - Cypress Semiconductor CYP15G0401DXB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
CYV15G0401DXB
CYP15G0401DXB
CYW15G0401DXB
Document #: 38-02002 Rev. *L
Page 2 of 53
The CYW15G0401DXB[1] operates from 195 to 1540 MBaud,
which includes operation at the OBSAI RP3 datarate of both
1536 MBaud and 768 MBaud.
The CYV15G0401DXB satisfies the SMPTE 259M and
SMPTE 292M compliance as per the EG34-1999 Pathological
Test Requirements.
The multiple channels in each device may be combined to
allow transport of wide buses across significant distances with
minimal concern for offsets in clock phase or link delay. Each
transmit channel accepts parallel characters in an Input
Register, encodes each character for transport, and converts
it to serial data. Each receive channel accepts serial data and
converts it to parallel data, decodes the data into characters,
and presents these characters to an Output Register. Figure 1
illustrates typical connections between independent host
systems and corresponding CYP15G0401DXB parts.
As
a
second-generation
HOTLink
device,
the
CYP(V)(W)15G0401DXB extends the HOTLink family with
enhanced levels of integration and faster data rates, while
maintaining serial-link compatibility (data, command, and
BIST) with other HOTLink devices. The transmit (TX) section
of the CYP(V)(W)15G0401DXB Quad HOTLink II consists of
four byte-wide channels that can be operated independently
or bonded to form wider buses. Each channel can accept
either eight-bit data characters or pre-encoded 10-bit trans-
mission characters. Data characters are passed from the
Transmit Input Register to an embedded 8B/10B Encoder to
improve their serial transmission characteristics. These
encoded characters are then serialized and output from dual
Positive ECL (PECL)-compatible differential transmission-line
drivers at a bit-rate of either 10- or 20-times the input reference
clock.
The receive (RX) section of the CYP(V)(W)15G0401DXB
Quad HOTLink II consists of four byte-wide channels that can
be operated independently or synchronously bonded for
greater bandwidth. Each channel accepts a serial bit-stream
from one of two PECL-compatible differential line receivers
and, using a completely integrated PLL Clock Synchronizer,
recovers the timing information necessary for data recon-
struction. Each recovered serial stream is deserialized and
framed into characters, 8B/10B decoded, and checked for
transmission errors. Recovered decoded characters are then
written to an internal Elasticity Buffer, and presented to the
destination
host
system.
The
integrated
8B/10B
Encoder/Decoder may be bypassed for systems that present
externally encoded or scrambled data at the parallel interface.
For those systems using buses wider than a single byte, the
four independent receive paths can be bonded together to
allow synchronous delivery of data across a two-byte-wide
(16-bit) path, or across all four bytes (32-bit). Multiple
CYP(V)(W)15G0401DXB devices may be bonded together to
provide synchronous transport of buses wider than 32 bits.
The parallel I/O interface may be configured for numerous
forms of clocking to provide the highest flexibility in system
architecture. In addition to clocking the transmit path, the
receive interface may be configured to present data relative to
a recovered clock or to a local reference clock.
Each transmit and receive channel contains an independent
BIST pattern generator and checker. This BIST hardware
allows at-speed testing of the high-speed serial data paths in
each transmit and receive section, and across the intercon-
necting links.
HOTLink II devices are ideal for a variety of applications where
parallel interfaces can be replaced with high-speed,
point-to-point serial links. Some applications include
interconnecting backplanes on switches, routers, servers and
video transmission systems.
The CYV15G0401DXB is verified by testing to be compliant to
all the pathological test patterns documented in SMPTE
EG34-1999, for both the SMPTE 259M and 292M signaling
rates. The tests ensure that the receiver recovers data with no
errors for the following patterns:
1. Repetitions of 20 ones and 20 zeros.
2. Single burst of 44 ones or 44 zeros.
3. Repetitions of 19 ones followed by 1 zero or 19 zeros fol-
lowed by 1 one.


Similar Part No. - CYP15G0401DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXB-BGC CYPRESS-CYP15G0401DXB-BGC Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXB-BGI CYPRESS-CYP15G0401DXB-BGI Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
More results

Similar Description - CYP15G0401DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYP15G0402DXB CYPRESS-CYP15G0402DXB Datasheet
615Kb / 29P
   Quad HOTLink II??SERDES
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com