Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV15G0101DXB-BBC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYV15G0101DXB-BBC
Description  Single-channel HOTLink II??Transceiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0101DXB-BBC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYV15G0101DXB-BBC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 9Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 10Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 11Page - Cypress Semiconductor CYV15G0101DXB-BBC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
CYV15G0101DXB
CYW15G0101DXB
CYP15G0101DXB
Document #: 38-02031 Rev. *J
Page 8 of 39
FRAMCHAR 3-Level Select[4]
static control input
Framing Character Select. Used to select the character or portion of a character used for
character framing of the received data streams.
When MID, the Framer looks for both positive and negative disparity versions of the eight-bit
Comma character.
When HIGH, the Framer looks for both positive and negative disparity versions of the K28.5
character.
Configuring FRAMCHAR = LOW is reserved for component test.
RFMODE
3-Level Select
static control input[4]
Reframe Mode Select. Used to select the type of character framing used to adjust the
character boundaries (based on detection of one or more framing characters in the data
stream. This signal operates in conjunction with the type of framing character selected.
When LOW, the Low-Latency Framer is selected. This will frame on each occurrence of the
selected framing character(s) in the received data stream. This mode of framing stretches
the recovered character-rate clock for one or multiple cycles to align that clock with the
recovered data.
When MID, the Cypress-mode Multi-Byte parallel Framer is selected. This requires a pair
of the selected framing character(s), on identical 10-bit boundaries, within a span of 50 bits
(five characters), before the character boundaries are adjusted. The recovered character
clock remains in the same phase regardless of character offset.
When HIGH, the Alternate-mode Multi-Byte parallel Framer is selected. This requires
detection of the selected framing character(s) in the received data stream, on identical 10-bit
boundaries, on four directly adjacent characters. The recovered character clock remains in
the same phase regardless of character offset.
PARCTL
3-Level Select
static control input[4]
Parity Check/Generate Control. Used to control the parity check and generate functions.
When LOW, parity checking is disabled, and the RXOP output is disabled (High-Z).
When MID, and the 8B/10B Encoder and Decoder are enabled (TXMODE[1]
≠ LOW,
DECMODE
≠ LOW), TXD[7:0] inputs are checked (along with TXOP) for valid ODD parity,
and ODD parity is generated for the RXD[7:0] outputs and presented on RXOP. When the
8B/10B Encoder and Decoder are disabled (TXMODE[1]
= LOW, DECMODE = LOW), the
TXD[7:0] and TXCT[1:0] inputs are checked (along with TXOP) for valid ODD parity, and
ODD parity is generated for the RXD[7:0] and RXST[1:0] outputs and presented on RXOP.
When HIGH, parity generation and checking are enabled. The TXD[7:0] and TXCT[1:0]
inputs are checked (along with TXOP) for valid ODD parity, and ODD parity is generated for
the RXD[7:0] and RXST[2:0] outputs and presented on RXOP.
See Table 2 and Table 15 for details.
DECMODE
3-Level Select
static control input[4]
Decoder Mode Select. When LOW, the Decoder is bypassed and raw 10-bit characters
are passed to the Output Register. When the Decoder is bypassed, RXCKSEL must be MID.
When MID, the Cypress Decoder table for Special Code Characters is used. When HIGH,
the alternate Decoder table for Special Code Characters is used. See Table 21 for a list of
the Special Codes supported in both encoded modes.
RXCKSEL
3-Level Select[4]
static control input
Receive Clock Mode. Selects the receive clock source used to transfer data to the Output
Registers and configures the Elasticity Buffer in the receive path.
When LOW, the Output Register is clocked by REFCLK. RXCLK
± and RXCLKC+ present
buffered and delayed forms of REFCLK.
When MID, the RXCLK
± output follows the recovered clock as selected by RXRATE and
the Elasticity Buffer is bypassed. When the 10B/8B Decoder and Elasticity Buffer are
bypassed (DECMODE=LOW), RXCKSEL must be MID.
Configuring RXCKSEL = HIGH is an invalid mode of operation.
Device Control Signals
SPDSEL
3-Level Select,[4]
static control input
Serial Rate Select. This input specifies the operating bit-rate range of both transmit and
receive PLLs. LOW = 195–400 MBaud, MID = 400–800 MBaud, HIGH = 800–1500 MBaud
(800–1540 MBaud for CYW15G0101DXB). When SPDSEL=LOW, setting TXRATE=HIGH
(Half-rate Reference Clock) is invalid.
Pin Descriptions CYP(V)(W)15G0101DXB Single-channel HOTLink II (continued)
Pin Name
I/O Characteristics Signal Description


Similar Part No. - CYV15G0101DXB-BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0101DXB-BBC CYPRESS-CYV15G0101DXB-BBC Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
More results

Similar Description - CYV15G0101DXB-BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0101DXB CYPRESS-CYP15G0101DXB_12 Datasheet
519Kb / 43P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
   Single Channel HOTLink II Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB_05 Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_11 Datasheet
954Kb / 44P
   Single-channel HOTLink II Transceiver Compliant to multiple standards
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com