Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYU01M16SCEU-70BVXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYU01M16SCEU-70BVXI
Description  16-Mbit (1M x 16) Pseudo Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYU01M16SCEU-70BVXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYU01M16SCEU-70BVXI Datasheet HTML 1Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 2Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 3Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 4Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 5Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 6Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 7Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 8Page - Cypress Semiconductor CYU01M16SCEU-70BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRELIMINARY
CYU01M16SCE
MoBL3™
Document #: 38-05601 Rev. *D
Page 2 of 11
Power-up Characteristics
The initialization sequence is shown in the figure below. Chip
Select should be CE1 HIGH or CE2 LOW for at least 200 µs
after VCC has reached a stable value. No access must be
attempted during this period of 200
µs.
Pin Configuration[2, 3]
48-Ball VFBGA
WE
A11
A10
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
3
2
6
5
4
1
D
E
B
A
C
F
G
H
Top View
A16
NC
VCC
A18
NC
A
19
Product Portfolio[4]
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (µA)
f = 1MHz
f = fmax
CYU01M16SCE
Min.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
2.2
3.0
3.6
70
3
5
18
25
55
70
Parameter
Description
Min.
Typ.
Max.
Unit
Tpu
Chip Enable Low After Stable VCC
200
µs
Notes:
2. Ball H6 and E3 can be used to upgrade to a 32-Mbit and a 64-Mbit density, respectively.
3. NC “no connect” - not connected internally to the die.
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC (typ) and TA = 25°C. Tested initially
and after design changes that may affect the parameters.
Tpu
CE
VCC
First Access
Stable Power


Similar Part No. - CYU01M16SCEU-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYU01M16SCCU CYPRESS-CYU01M16SCCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCCU-70BVXI CYPRESS-CYU01M16SCCU-70BVXI Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCG CYPRESS-CYU01M16SCG Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCG-70BVXI CYPRESS-CYU01M16SCG-70BVXI Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
More results

Similar Description - CYU01M16SCEU-70BVXI

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
M24D16161ZA ESMT-M24D16161ZA Datasheet
268Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16ZCC CYPRESS-CYU01M16ZCC Datasheet
503Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCCU CYPRESS-CYU01M16SCCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com