Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV15G0402DXB-BGI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYV15G0402DXB-BGI
Description  Quad HOTLink II??SERDES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0402DXB-BGI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYV15G0402DXB-BGI Datasheet HTML 6Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 7Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 8Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 9Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 10Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 11Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 12Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 13Page - Cypress Semiconductor CYV15G0402DXB-BGI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CYP15G0402DXB
CYV15G0402DXB
Document #: 38-02057 Rev. *G
Page 10 of 29
Analog I/O and Control
OUTA±
OUTB±
OUTC±
OUTD±
CML Differential
Output
Differential Serial Data Outputs. These PECL-compatible CML outputs (+3.3V refer-
enced) are capable of driving terminated transmission lines or standard fiber-optic trans-
mitter modules.
INA±
INB±
INC±
IND±
LVPECL Differential
Input
Differential Serial Data Inputs. These inputs accept the serial data stream for deseri-
alization. The INx
± serial streams are passed to the receiver Clock and Data Recovery
(CDR) circuits to extract the data content when INSELx = HIGH.
OELE
LVTTL Input,
asynchronous,
internal pull-up
Serial Driver Output Enable Latch Enable. When OELE = HIGH, the signals on the
BOE[7:0] inputs directly control the OUTx± differential drivers.
When the BOE[x] input is HIGH, the associated OUTx± differential driver is enabled.
When the BOE[x] input is LOW, the associated OUTx± differential driver is powered
down.
When OELE returns LOW, the last values present on BOE[7:0] are captured in the
internal Output enable Latch.
The specific mapping of BOE[7:0] signals to transmit output enables is listed in Table 2.
If the device is reset (TRSTZ is sampled LOW), the latch is reset to disable all outputs.
BISTLE
LVTTL Input,
asynchronous,
internal pull-up
Transmit and Receive BIST Latch Enable. Active HIGH. When BISTLE = HIGH, the
signals on the BOE[7:0] inputs directly control the transmit and receive BIST enables.
When the BOE[x] input is LOW, the associated transmit or receive channel is configured
to generate or compare the BIST sequence.
When the BOE[x] input is HIGH, the associated transmit or receive channel is configured
for normal data transmission or reception.
When BISTLE returns LOW the last values present on BOE[7:0] are captured in the
internal BIST Enable Latch.
The specific mapping of BOE[7:0] signals to transmit and receive BIST enables is listed
in Table 2.
When the latch is closed, if the device is reset (TRSTZ is sampled LOW), the latch is
reset to disable BIST on all transmit and receive channels.
RXLE
LVTTL Input,
asynchronous,
internal pull-up
Receive Channel Power-Control Latch Enable. When RXLE = HIGH, the signals on
the BOE[7:0] directly control the power enables for the receive PLLs and analog logic.
When the BOE[7:0] input is HIGH, the receive channels PLL’s and analog logic are
active.
When the BOE[7:0] input is LOW, the receive channels are in a power-down mode.
When RXLE returns LOW, the last values present on BOE[7:0] are captured in the
internal RX PLL Enable Latch.
The specific mapping of BOE[7:0] signals to the associated receive channel enables is
listed in Table 2.
When the device is reset (TRSTZ = LOW), the latch is reset to disable all receive
channels.
BOE[7:0]
LVTTL Input,
asynchronous,
internal pull-up
BIST, Serial Output, and Receive Channel Enables.
These inputs are passed to and through the Output Enable Latch when OELE is HIGH,
and captured in this latch when OELE returns LOW.
These inputs are passed to and through the BIST Enable Latch when BISTLE is HIGH,
and captured in this latch when BISTLE returns LOW.
These inputs are passed to and through the Receive Channel Enable Latch when RXLE
is HIGH, and captured in this latch when RXLE returns LOW.
Pin Descriptions CYP(V)15G0402DXB Quad HOTLink II™ SERDES (continued)
Name
I/O Characteristics Signal Description


Similar Part No. - CYV15G0402DXB-BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0401DXB CYPRESS-CYV15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYV15G0401DXB CYPRESS-CYV15G0401DXB Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYV15G0401DXB-BGC CYPRESS-CYV15G0401DXB-BGC Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYV15G0401DXB-BGC CYPRESS-CYV15G0401DXB-BGC Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYV15G0401DXB-BGI CYPRESS-CYV15G0401DXB-BGI Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
More results

Similar Description - CYV15G0402DXB-BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com