Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYP15G0402DXB-BGXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYP15G0402DXB-BGXI
Description  Quad HOTLink II??SERDES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0402DXB-BGXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYP15G0402DXB-BGXI Datasheet HTML 1Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 2Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 3Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 4Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 5Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 6Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 7Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 8Page - Cypress Semiconductor CYP15G0402DXB-BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CYP15G0402DXB
CYV15G0402DXB
Document #: 38-02057 Rev. *G
Page 2 of 29
As
a
second-generation
HOTLink
device,
the
CYP(V)15G0402DXB extends the HOTLink family to faster
data rates, while maintaining serial link compatibility (data,
command and BIST) with other HOTLink devices.The transmit
(TX) section of the CYP(V)15G0402DXB Quad HOTLink II
SERDES consists of four ten bit wide channels that accept a
preencoded character on every clock cycle. Transmission
characters are passed from the Transmit Input Register to a
Serializer. The serialized characters are output from a differ-
ential transmission line driver at a bit-rate of 10 or 20 times the
input reference clock.
The receive (RX) section of the CYP(V)15G0402DXB Quad
HOTLink II SERDES consists of four ten bit wide channels.
Each
channel
accepts
a
serial
bit-stream
from
a
PECL-compatible differential line receiver and, using a
completely integrated PLL Clock Synchronizer, recovers the
timing information necessary for data reconstruction. Each
recovered bit-stream is deserialized and framed into
characters. Recovered characters are then passed to the
receiver output register, along with a recovered character
clock.
The parallel input interface may be configured for numerous
forms of clocking to provide the high flexibility in system archi-
tecture.
Each transmit and receive channel contains an independent
BIST pattern generator and checker. This BIST hardware
allows at-speed testing of the interface data path.
HOTLink II devices are ideal for a variety of applications where
parallel interfaces can be replaced with high-speed,
point-to-point serial links. Some applications include intercon-
necting backplanes on switches, routers, servers and video
transmission systems.
The CYV15G0402DXB is verified by testing to be compliant to
all the pathological test patterns documented in SMPTE
EG34-1999, for both the SMPTE 259M and 292M signaling
rates. The tests ensure that the receiver recovers data with no
errors for the following patterns:
1. Repetitions of 20 ones and 20 zeros.
2. Single burst of 44 ones or 44 zeros.
3. Repetitions of 19 ones followed by 1 zero or 19 zeros fol-
lowed by 1 one.
CYP(V)15G0402DXB Transceiver Logic Block Diagram
x10
Serializer
Phase
x10
Deserializer
TX
RX
x10
Serializer
x10
Framer
Deserializer
TX
RX
x10
Serializer
x10
Framer
Deserializer
TX
RX
x10
Serializer
x10
Framer
Deserializer
TX
RX
Align
Buffer
Phase
Align
Buffer
Phase
Align
Buffer
Phase
Align
Buffer
Framer


Similar Part No. - CYP15G0402DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0402DX CYPRESS-CYP15G0402DX Datasheet
852Kb / 27P
   Quad HOTLinkII SERDES
CYP15G0402DX-BGC CYPRESS-CYP15G0402DX-BGC Datasheet
852Kb / 27P
   Quad HOTLinkII SERDES
CYP15G0402DX-BGI CYPRESS-CYP15G0402DX-BGI Datasheet
852Kb / 27P
   Quad HOTLinkII SERDES
More results

Similar Description - CYP15G0402DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com