Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32669S3405J504 Datasheet(PDF) 6 Page - EPCOS

Part # B32669S3405J504
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32669S3405J504 Datasheet(HTML) 6 Page - EPCOS

  B32669S3405J504 Datasheet HTML 1Page - EPCOS B32669S3405J504 Datasheet HTML 2Page - EPCOS B32669S3405J504 Datasheet HTML 3Page - EPCOS B32669S3405J504 Datasheet HTML 4Page - EPCOS B32669S3405J504 Datasheet HTML 5Page - EPCOS B32669S3405J504 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+85
°C
Upper category temperature Tmax
+85
°C
Lower category temperature Tmin
40
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ
2
10-3 at 1 kHz
at 20
°C
(upper limit values)
Time constant
τ = C
R
Rins
2500 s
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
VR = 250 VAC: 430 VDC, 1 s
VR = 400 VAC: 700 VDC, 1 s
AC test voltage
VR = 250 VAC: 440 VAC, 1 s
VR = 400 VAC: 700 VAC, 1 s
Damp heat test
21 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 3%
heat test
Dissipation factor change
∆ tan δ
≤ 0.5 10-3 (at 1 kHz)
≤ 1.0 10-3 (at 10 kHz)
Time constant
τ = C
R
Rins
≥ 50% of minimum
as-delivered values
Pulse handling capability
(rate of voltage rise Vpp/
τ)
≤ 10 V/µs
Permissible AC voltage Vrms versus frequency f
Values can be obtained on request. In specific cases please provide a scaled voltage/ time graph
and state operating conditions.
B32669
AC applications (wound)
6


Similar Part No. - B32669S3405J504

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32669 TDK-B32669 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6105000 TDK-B32669B6105000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6155000 TDK-B32669B6155000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6205000 TDK-B32669B6205000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6305000 TDK-B32669B6305000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32669S3405J504

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com