Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7304G-65504Y-T1 Datasheet(PDF) 11 Page - Power-One

Part # ZM7304G-65504Y-T1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7304G-65504Y-T1 Datasheet(HTML) 11 Page - Power-One

Back Button ZM7304G-65504Y-T1 Datasheet HTML 7Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 8Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 9Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 10Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 11Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 12Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 13Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 14Page - Power-One ZM7304G-65504Y-T1 Datasheet HTML 15Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 11 of 32
Table 2. POL Setup Registers
Register
Address
Offset
Z-ONE POL
Aux Device
Content
00h
PC1_x
EC_x
Protection Configuration 1
01h
PC2_x
reserved
Protection Configuration 2
02h
PC3_x
reserved
Protection Configuration 3
03h
TC_x
reserved
Tracking Configuration
04h
INT_x
reserved
Interleave Configuration and Frequency Selection
05h
DON_x
EON_x
Turn-On Delay
06h
DOF_x
EOF_x
Turn-Off Delay
07h
VOS_x
reserved
Output Voltage Set-point
08h
CLS_x
reserved
Current Limit Set-point
09h
DCL_x
reserved
Duty Cycle Limit
0Ah
B1_x
reserved
Dig Controller Denominator z-1 Coefficient
0Bh
B2_x
reserved
Dig Controller Denominator z-2 Coefficient
0Ch
B3_x
reserved
Dig Controller Denominator z-3 Coefficient
0Dh
C0L_x
reserved
Dig Controller Numerator z0 Coefficient Low Byte
0Eh
C0H_x
reserved
Dig Controller Numerator z0 Coefficient High Byte
0Fh
C1L_x
reserved
Dig Controller Numerator z-1 Coefficient Low Byte
10h
C1H_x
reserved
Dig Controller Numerator z-1 Coefficient High Byte
11h
C2L_x
reserved
Dig Controller Numerator z-2 Coefficient Low Byte
12h
C2H_x
reserved
Dig Controller Numerator z-2 Coefficient High Byte
13h
C3L_x
reserved
Dig Controller Numerator z-3 Coefficient Low Byte
14h
C3H_x
reserved
Dig Controller Numerator z-3 Coefficient High Byte
15h
reserved
reserved
16h
reserved
reserved
17h
reserved
reserved
18h
reserved
reserved
19h
reserved
reserved
1Ah
reserved
reserved
1Bh
reserved
reserved
1Ch
VOML_x #)
reserved
Output Voltage Margining Low Value
1Dh
VOMH_x #)
reserved
Output Voltage Margining High Value
1Eh
CRC0_x #)
CRC0_x #)
Cyclic Redundancy Check Register 0
1Fh
CRC1_x #)
CRC1_x #)
Cyclic Redundancy Check Register 1
______________________________________
x denotes the POL address [0..31]
#) not downloaded to the POL during programming
10.1.4 Monitoring Data
The DPMs can retrieve current, temperature, output voltage, and status information from each of the POL
converters and status information only from Auxiliary Devices. Monitoring data is stored in RAM and can be
accessed via the I
2C bus. Monitoring registers are read only.
The monitoring data consists of 5 Bytes for each POL converter and Auxiliary Device as shown in Table 3. When
the status monitoring is enabled, the ST registers get continuously updated. When the parametric monitoring is
enabled, the VOH, VOL, IO, and TMP registers get continuously updated.


Similar Part No. - ZM7304G-65504Y-T1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7304G-65504-B1 POWER-ONE-ZM7304G-65504-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65504-B2 POWER-ONE-ZM7304G-65504-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65504-Q1 POWER-ONE-ZM7304G-65504-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65504-T1 POWER-ONE-ZM7304G-65504-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65504-T2 POWER-ONE-ZM7304G-65504-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7304G-65504Y-T1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com