Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV270M0101EQ_0710 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYV270M0101EQ_0710
Description  Adaptive Video Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0101EQ_0710 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYV270M0101EQ_0710 Datasheet HTML 1Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 2Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 3Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 4Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 5Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 6Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 7Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 8Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYV270M0101EQ
Adaptive Video Cable Equalizer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-06830 Rev. *B
Revised October 25, 2007
Features
Adaptive cable equalization
SMPTE 259M compliant
Supports DVB-ASI at 270 Mbps
Multi standard operation from 143 Mbps to 360 Mbps
Cable length indicator for SD-SDI data rates
Maximum cable length adjustment for SD-SDI data rates
Carrier detect and mute functionality for SD-SDI data rates
Equalizer bypass mode
Seamless connection with HOTLink II™ family and HOTLink
®
receiver
Equalizes up to 350m of Canare L-5CFB and Belden 1694A
coaxial cable at 270 Mbps
Low power 160 mW at 3.3V
Single 3.3V supply
16-pin SOIC
0.18 μm CMOS technology
Pb-free and RoHS compliant
Uses Cypress CLEANLink™ technology
Pin compatible to existing equalizer devices
Functional Description
The CYV270M0101EQ is an adaptive video cable equalizer
designed to equalize and restore signals received over 75
Ω
coaxial cable. The equalizer meets SMPTE 259M data rates and
is
optimized
for
performance
at
270
Mbps.
The
CYV270M0101EQ is optimized to equalize up to 350m of
Canare L-5CFB and Belden 1694A coaxial cable at 270 Mbps.
The CYV270M0101EQ connects seamlessly to the HOTLink II
family of transceivers and HOTLink receivers.
The CYV270M0101EQ has DC restoration for compensation of
the DC content of the SMPTE pathological patterns. A cable
length indicator (CLI) provides an indication of the cable length
equalized at SD-SDI data rates. The maximum cable length
adjust (MCLADJ) sets the approximate maximum cable length to
equalize. The CYV270M0101EQ differential serial outputs
(SDO, SDO) mute when the approximate cable length set by
MCLADJ is reached. CD/MUTE is a bidirectional pin that
provides an indication of the signal present at the equalizer
inputs. It also controls muting the outputs of the equalizer.
Power consumption is typically 160 mW at 3.3V.
Serial Links
Copper Cable
CYV270M0101EQ
Connections
Equalizer System Connection Diagram
Cable
Driver
HOTLink II
Serializer
HOTLink II
Deserializer
Adaptive
Cable
Equalizer
[+] Feedback


Similar Part No. - CYV270M0101EQ_0710

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results

Similar Description - CYV270M0101EQ_0710

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com