Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV270M0104EQ-LXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYV270M0104EQ-LXC
Description  Adaptive Video Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0104EQ-LXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYV270M0104EQ-LXC Datasheet HTML 1Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 2Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 3Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 4Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 5Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 6Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 7Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 8Page - Cypress Semiconductor CYV270M0104EQ-LXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYV270M0104EQ
Document Number: 001-12875 Rev. **
Page 5 of 9
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature .................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55°C to +125°C
Supply Voltage to Ground Potential................–0.5V to +3.8V
DC Voltage Applied to Outputs
in High Z State ....................................... –0.5V to VCC + 0.5V
DC Input Voltage ................................... –0.5V to VCC + 0.5V
Electro Static Discharge (ESD) HBM........................ > 2000V
(JEDEC EIA/JESD-A114A)
Latch Up Current .................................................... > 200 mA
Power Up Requirements
The CYV270M0104EQ contains one power supply. The voltage
on any input or IO pin must not exceed the power pin during
power up.
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0°C to +70°C
+3.3V ±5%
Notes
1. Production test.
2. Calculated results from production test.
3. Not tested. Based on characterization.
DC Electrical Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage[1]
3.135
3.3
3.465
V
PD
Power Consumption[2]
125
160
190
mW
IS
Supply Current[1]
38
48
60
mA
VCMOUT
Output Common Mode Voltage[1]
Load = 50
Ω
VCC – ΔVSDO/2 =
2.9
V
VCMIN
Input Common Mode Voltage[1]
(Bypass = High)
1
1.4
V
Input Common Mode Voltage[1]
(Bypass = Low)
0
2.9
V
Floating MCLADJ DC Voltage[1]
1.3
V
MCLADJ Range[3]
0.4
0.72
1.02
V
VCD(OH)
CD Output Voltage[1]
Carrier Not Present
2.8
V
VCD(OL)
Carrier Present
0.8
V
VMUTE
MUTE Input Voltage Required to
Force Outputs to Mute[1]
Min to Mute
2.5
V
VMUTE
MUTE Input Voltage Required to
Force Active[1]
Max to Activate
1
V
[+] Feedback


Similar Part No. - CYV270M0104EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
More results

Similar Description - CYV270M0104EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com