Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWB0224ABS Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWB0224ABS
Description  West BridgeTM AstoriaTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWB0224ABS Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWB0224ABS Datasheet HTML 1Page - Cypress Semiconductor CYWB0224ABS Datasheet HTML 2Page - Cypress Semiconductor CYWB0224ABS Datasheet HTML 3Page - Cypress Semiconductor CYWB0224ABS Datasheet HTML 4Page - Cypress Semiconductor CYWB0224ABS Datasheet HTML 5Page - Cypress Semiconductor CYWB0224ABS Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADVANCE INFORMATION
CYWB0224ABS/CYWB0224ABM
West BridgeTM AstoriaTM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-11710 Rev. *A
Revised December 7, 2007
Features
N-Xpress™ NAND Controller Technology
Interleave up to 16 NANDs with 8 Chip Enables (CE#) for
x8 or x16 SLC (CYWB0224ABS) or MLC
(CYWB0224ABM) NAND flash devices.
4-bit Error Correction Coding
Bad Block Management
Static Wear Leveling
Multimedia Device Support
Up to 2 SD/SDIO/MMC/MMC+/CE-ATA devices
SLIM™ Architecture, allowing simultaneous and
independent data paths between the processor and USB,
and between the USB and Mass Storage.
Fully backward compatible (including pin to pin) to Antioch
(CYWB0124AB)
High speed USB at 480 Mbps
USB 2.0 compliant
Integrated USB 2.0 transceiver, smart Serial Interface
Engine
16 programmable endpoints
Flexible Processor Interface, which supports:
Multiplexing and nonMultiplexing Address and Data
interface
SRAM Interface
Pseudo CRAM interface (Antioch Interface)
Pseudo NAND Flash interface
SPI (slave mode) interface
DMA slave support
Ultra low power, 1.8V core operation
Low Power Modes
Small footprint, 6x6mm VFBGA
Supports I2C boot and Processor Boot
Selectable Clock Input Frequencies
19.2 MHz, 24 MHz, 26 MHz, and 48 MHz
Applications
Cellular Phones
Portable Media Players
Personal Digital Assistants
Portable Navigation Devices
Digital Cameras
POS Terminals
Portable Video Recorders
West Bridge
TM AstoriaTM
Control
Registers
uC
U
P
S
SLIM
TM
Access Control
Cypress
N-Xpress
TM
Engine
Configurable Storage
Interface
SD/SDIO/
MMC+/ CE-
ATA Block
Logic Block Diagram
[+] Feedback


Similar Part No. - CYWB0224ABS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0224ABS-BVXI CYPRESS-CYWB0224ABS-BVXI Datasheet
238Kb / 6P
   West Bridge Astoria
CYWB0224ABS-BVXI CYPRESS-CYWB0224ABS-BVXI Datasheet
1Mb / 78P
   West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
CYWB0224ABS-BVXIES CYPRESS-CYWB0224ABS-BVXIES Datasheet
1Mb / 78P
   West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
CYWB0224ABS-BVXIT CYPRESS-CYWB0224ABS-BVXIT Datasheet
1Mb / 78P
   West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
CYWB0224ABS-BZXI CYPRESS-CYWB0224ABS-BZXI Datasheet
1Mb / 78P
   West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
More results

Similar Description - CYWB0224ABS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0224ABS CYPRESS-CYWB0224ABS_09 Datasheet
238Kb / 6P
   West Bridge Astoria
logo
STMicroelectronics
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
91Kb / 8P
   COLOR TV EAST-WEST CORRECTION
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
   EAST/WEST CORRECTION FOR DIGITAL TV-SETS
June 1989
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
   EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
logo
Cypress Semiconductor
CYWB012X CYPRESS-CYWB012X Datasheet
379Kb / 9P
   West Bridge Antioch Memory-mapped interface to main processor
logo
STMicroelectronics
STV2145 STMICROELECTRONICS-STV2145 Datasheet
157Kb / 17P
   I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com