Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6934-48LFXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWUSB6934-48LFXC
Description  WirelessUSB??LS 2.4-GHz DSSS Radio SoC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6934-48LFXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWUSB6934-48LFXC Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6934-48LFXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
WirelessUSB™ LS 2.4-GHz DSSS Radio SoC
CYWUSB6932
CYWUSB6934
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document 38-16007 Rev. *I
Revised August 3, 2005
1.0
Features
• 2.4-GHz radio transceiver
• Operates in the unlicensed Industrial, Scientific, and
Medical (ISM) band (2.4 GHz–2.483 GHz)
• -90-dBm receive sensitivity
• Up to 0 dBm output power
• Range of up to 10 meters or more
• Data throughput of up to 62.5 kbits/sec
• Highly integrated low cost, minimal number of external
components required
• Dual DSSS reconfigurable baseband correlators
• SPI microcontroller interface (up to 2-MHz data rate)
• 13-MHz ± 50-ppm input clock operation
• Low standby current < 1 µA
• Integrated 30-bit Manufacturing ID
• Operating voltage from 2.7V to 3.6V
• Operating temperature from 0° to 70°C
• Offered in a small footprint 48 Quad Flat Pack No Leads
(QFN)
2.0
Functional Description
The CYWUSB6932/CYWUSB6934 Integrated Circuits (ICs)
are highly integrated 2.4-GHz Direct Sequence Spread
Spectrum (DSSS) Radio System-on-Chip (SoC) ICs. From the
Serial Peripheral Interface (SPI) to the antenna, these ICs are
single-chip 2.4-GHz DSSS Gaussian Frequency Shift Keying
(GFSK) baseband modems that connect directly to a micro-
controller via simple serial interface.
The CYWUSB6932 transmit-only IC and the CYWUSB6934
transceiver IC are available in a small footprint 48-pin QFN
package.
3.0
Applications
• PC Human Interface Devices (HIDs)
—Mice
— Keyboards
— Joysticks
• Peripheral Gaming Devices
— Game Controllers
— Console Keyboards
• General
— Presenter Tools
— Remote Controls
— Consumer Electronics
— Barcode Scanners
— POS Peripherals
—Toys
Figure 3-1. CYWUSB6932/CYWUSB6934 Simplified Block Diagram
Digital
Synthesizer
GFSK
Demodulator
GFSK
Modulator
IRQ
SS
SCK
MISO
MOSI
RESET
PD
DIO
DIOVAL
RFOUT
RFIN
CYWUSB6934Only
SERDES
B
SERDES
A
DSSS
Baseband
A
DSSS
Baseband
B


Similar Part No. - CYWUSB6934-48LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6934-48LFXC CYPRESS-CYWUSB6934-48LFXC Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
More results

Similar Description - CYWUSB6934-48LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6934 CYPRESS-CYWM6934 Datasheet
492Kb / 6P
   WirelessUSB LS Radio Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com