Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMIFS792BZ Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # IMIFS792BZ
Description  Low EMI Spectrum Spread Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIFS792BZ Datasheet(HTML) 6 Page - Cypress Semiconductor

  IMIFS792BZ Datasheet HTML 1Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 2Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 3Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 4Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 5Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 6Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 7Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 8Page - Cypress Semiconductor IMIFS792BZ Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FS791/92/94
Document #: 38-07343 Rev *A
Page 6 of 9
We see that the original 100-MHz reference clock is at the
center Frequency, Cf, and the minimum and maximum ex-
tremes are positioned symmetrically about the center frequen-
cy. This type of modulation is called Center-Spread. Figure 5
shows a 100-MHz clock, as it would be seen on an oscillo-
scope. The top trace is the non-modulated reference clock.
The bottom trace is the modulated clock at pin 6. From this
comparison chart you can see that the frequency is decreasing
and the period of each successive clock is increasing. The Tc
measurements on the left and right of the bottom trace indicate
the max. and min. extremes of the clock. Intermediate clock
changes are small and accumulate to achieve the total period
deviation. The reverse of this figure would show the clock go-
ing from min. extreme back to the high extreme.
Looking at Figure 4, you will note that the peak amplitude of
the 100-MHz non-modulated clock is higher than the wide-
band modulated clock. This difference in peak amplitudes be-
tween modulated and unmodulated clocks is the reason why
SSCG clocks are so effective in digital systems. This figure
refers to the fundamental frequency of a clock. A very impor-
tant characteristic of the SSCG clock is that the bandwidth of
the fundamental frequency is multiplied by the harmonic num-
ber. In other words, if the bandwidth of a 100-MHz clock is 2.0
MHz, the bandwidth of the 3rd harmonic will be 3 times 2.0, or
6.0 MHz. The amount of bandwidth is relative to the amount of
energy in the clock. Consequently, the wider the bandwidth,
the greater the energy reduction of the clock.
Most applications will not have a problem meeting agency
specifications at the fundamental frequency. It is the higher
harmonics that usually cause the most problems. With an
SSCG clock, the bandwidth and peak energy reduction in-
creases with the harmonic number. Consider that the 9th har-
monic of a 100-MHz clock is 900 MHz. With a total spread of
2.0 MHz at 100 MHz, the spread at the 9th harmonic would be
18.0 MHz which greatly reduces the peak energy content. It is
typical to see as much as 12 to 20 dB reduction at the higher
harmonics, due to a modulated clock.
The difference in the peak energy of the modulated clock and
the non-modulated clock in typical applications will see a 2–3
dB reduction at the fundamental and as much as 8–10 dB
reduction at the intermediate harmonics, 3rd, 5th, 7th etc. At the
higher harmonics, it is quite possible to reduce the peak har-
monic energy, compared to the unmodulated clock, by as
much as 12 to 20 dB.
Fc = 100 MHz
Fmin =
99.0 MHz
Fmax =
101.0 MHz
Figure 4. 100-MHz Spectrum
Tc = 50.50 ns
Tc =49.50 ns.
Figure 5. Period Comparison Chart


Similar Part No. - IMIFS792BZ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIFS781BT CYPRESS-IMIFS781BT Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS781BTT CYPRESS-IMIFS781BTT Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS781BZB CYPRESS-IMIFS781BZB Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS781BZBT CYPRESS-IMIFS781BZBT Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS782BZB CYPRESS-IMIFS782BZB Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
More results

Similar Description - IMIFS792BZ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
   Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
   Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com