Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7304G-65508Y-T1 Datasheet(PDF) 5 Page - Power-One

Part # ZM7304G-65508Y-T1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7304G-65508Y-T1 Datasheet(HTML) 5 Page - Power-One

  ZM7304G-65508Y-T1 Datasheet HTML 1Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 2Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 3Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 4Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 5Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 6Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 7Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 8Page - Power-One ZM7304G-65508Y-T1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 5 of 32
8.3
Signal Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
SYNC/DATA Line
SDpu
SD pull up resistor
5
kΩ
SDthrL
SD input low voltage threshold
0.31·VDD
0.52·VDD
V
SDthrH
SD input high voltage threshold
0.45·VDD
0.81·VDD
V
SDhys
SD input hysteresis
0.37
1.1
V
SDsink
SD sink capability (VSD=0.5V)
30
mA
Freq_sd
Clock frequency
450
550
kHz
Tsynq
Sync pulse duration
22
28
% of clock
cycle
T0
Data=0 pulse duration
72
78
% of clock
cycle
Interrupt Inputs (INT_N[3:0])
Rpu3
Pull up resistor
30
kΩ
VthrL3
Input low voltage threshold
0.31·VDD
0.52·VDD
V
VthrH3
Input high voltage threshold
0.45·VDD
0.81·VDD
V
Vhys3
Input hysteresis
0.37
1.1
V
ADDR[3:0], ACFAIL_N, RES_N, LCK_N, PG[3:0] Inputs
Rpu1
Pull up resistor
20
50
kΩ
VthrL1
Input low voltage
-0.5
0.2·VDD
V
VthrH1
Input high voltage
0.7·VDD
VDD+0.5
V
HRES_N Input
Rpu2
HRES_N pull up resistor
30
60
kΩ
VthrL2
HRES_N input low voltage
-0.5
0.2·VDD
V
VthrH2
HRES_N input high voltage
0.9·VDD
VDD+0.5
V
Inputs/Outputs (OK_A, OK_B, OK_C, OK_D)
OKpu
OK pull up resistor
5
kΩ
OKthrL
OK input low voltage threshold
0.31·VDD
0.52·VDD
V
OKthrH
OK input high voltage threshold
0.45·VDD
0.81·VDD
V
OKhys
OK input hysteresis
0.37
1.1
V
OKsink
OK sink capability (VOK=0.5V)
30
mA
Enable Outputs (EN[3:0])
VEN
EN logic level enabled
High
VEN
EN logic level disabled
Low
ENpu
EN pull up resistor
30
kΩ
ENsink
EN sink current, VEN=0.5V
5
mA


Similar Part No. - ZM7304G-65508Y-T1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7304G-65508-B1 POWER-ONE-ZM7304G-65508-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-B2 POWER-ONE-ZM7304G-65508-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-Q1 POWER-ONE-ZM7304G-65508-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-T1 POWER-ONE-ZM7304G-65508-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-T2 POWER-ONE-ZM7304G-65508-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7304G-65508Y-T1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com