Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W40S11-23 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W40S11-23
Description  Clock Buffer/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S11-23 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W40S11-23 Datasheet HTML 3Page - Cypress Semiconductor W40S11-23 Datasheet HTML 4Page - Cypress Semiconductor W40S11-23 Datasheet HTML 5Page - Cypress Semiconductor W40S11-23 Datasheet HTML 6Page - Cypress Semiconductor W40S11-23 Datasheet HTML 7Page - Cypress Semiconductor W40S11-23 Datasheet HTML 8Page - Cypress Semiconductor W40S11-23 Datasheet HTML 9Page - Cypress Semiconductor W40S11-23 Datasheet HTML 10Page - Cypress Semiconductor W40S11-23 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W40S11-23
8
Document #: 38-00793-*B
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency
0
133
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1.5
4.0
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1.5
4.0
V/ns
tSR
Output Skew, Rising Edges
250
ps
tSF
Output Skew, Falling Edges
250
ps
tEN
Output Enable Time
1.0
8.0
ns
tDIS
Output Disable Time
1.0
8.0
ns
tPR
Rising Edge Propagation Delay
1.0
5.0
ns
tPF
Falling Edge Propagation Delay
1.0
5.0
ns
tD
Duty Cycle
Measured at 1.5V
45
55
%
Zo
AC Output Impedance
15
tPR
Rising Edge Propagation Delay
1.0
5.0
ns
Ordering Information
Ordering Code
Freq. Mask
Code
Package
Name
Package Type
W40S11
-23
G
X
H
28-pin SOIC (300 mils)
28-pin TSSOP (173 mil)
28-pin SSOP (209 mil)


Similar Part No. - W40S11-23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11-23 CYPRESS-W40S11-23 Datasheet
213Kb / 11P
   Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
More results

Similar Description - W40S11-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
   Buffer/Clock Driver
logo
Cypress Semiconductor
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
logo
Renesas Technology Corp
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
   BUFFER/CLOCK DRIVER
051310
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
   BUFFER/CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
   Buffer/Clock Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com